Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 5Page - STMicroelectronics AN3329 Datasheet HTML 6Page - STMicroelectronics AN3329 Datasheet HTML 7Page - STMicroelectronics AN3329 Datasheet HTML 8Page - STMicroelectronics AN3329 Datasheet HTML 9Page - STMicroelectronics AN3329 Datasheet HTML 10Page - STMicroelectronics AN3329 Datasheet HTML 11Page - STMicroelectronics AN3329 Datasheet HTML 12Page - STMicroelectronics AN3329 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AN3329
Efficiency measurement
Doc ID 18376 Rev 1
9/47
2
Efficiency measurement
Table 1 shows the overall efficiency, measured at different mains voltages. The full load
efficiency is 90.09 % at 115 Vac, and 91.85 % at 230 Vac. Both values are considerably high
and maintained high even decreasing the load as reported in Table 1. Measurements are
also reported in the graph of Figure 3.
Table 1.
Overall efficiency measured at different AC input voltages
Load = 100 %
5 V
12 V
24 V
Pout
Pin
Eff.
Vin [Vrms]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
[W]
[W]
[%]
90
5.01
1.99
11.69
2.01
23.47
5.98
173.8
197.5
88.00 %
115
5.01
1.99
11.69
2.01
23.48
5.98
173.9
193.6
90.09 %
230
5.01
1.99
11.69
2.01
23.48
5.98
173.8
189.3
91.85 %
265
5.01
1.99
11.69
2.01
23.48
5.98
173.8
188.9
91.98 %
Load = 75 %
5 V
12 V
24 V
Pout
Pin
Eff.
Vin [Vrms]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
[W]
[W]
[%]
90
5.01
1.51
11.70
1.51
23.49
4.50
130.9
147.5
88.78 %
115
5.01
1.51
11.70
1.51
23.49
4.50
130.9
145.5
89.96 %
230
5.01
1.51
11.70
1.51
23.49
4.50
130.9
143.0
91.56 %
265
5.01
1.51
11.70
1.51
23.49
4.50
130.9
142.7
91.73 %
Load = 50 %
5 V
12 V
24 V
Pout
Pin
Eff.
Vin [Vrms]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
[W]
[W]
[%]
90
5.01
1.00
11.71
1.01
23.51
3.00
87.5
98.6
88.67 %
115
5.01
1.00
11.72
1.01
23.51
3.00
87.5
97.7
89.54 %
230
5.01
1.00
11.71
1.01
23.51
3.00
87.5
96.6
90.53 %
265
5.01
1.00
11.71
1.01
23.51
3.00
87.5
96.5
90.64 %
Load = 25 %
5 V
12 V
24 V
Pout
Pin
Eff.
Vin [Vrms]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
Vout [V]
Iout [A]
[W]
[W]
[%]
90
5.02
0.49
11.72
0.50
23.53
1.51
43.83
50.82
86.25 %
115
5.02
0.49
11.72
0.50
23.53
1.51
43.83
50.57
86.67 %
230
5.02
0.49
11.72
0.50
23.53
1.51
43.83
50.47
86.85 %
265
5.02
0.49
11.72
0.50
23.53
1.51
43.83
50.29
87.16 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com