Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 27Page - STMicroelectronics AN3329 Datasheet HTML 28Page - STMicroelectronics AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
AN3329
Bill of materials
Doc ID 18376 Rev 1
31/47
6
Bill of materials
Table 2.
Bill of materials
Des.
Part type /
part value
Case style
/ package
Description
Supplier
C1
2.2 nF
DWG
Y1 - safety cap. DE1E3KX222M
MURATA
C10
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C12
100 nF
1206
50 V Cercap - general purpose - X7R - 10 %
KEMET
C13
47 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C14
1000 µF - 35 V
Dia.12x25
p. 5 mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C15
1000 µF - 35 V
Dia.12x25
p. 5 mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C16
100 µF - 50 V
Dia.8x11
p. 3.5 mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C17
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C18
470 nF
1206
50 V Cercap - general purpose - Y5V - 20 %
KEMET
C19
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C2
1 µF - X2
11x26.5 mm
p. 22.5
FLM CAP - B32923C3105K
EPCOS
C20
470 nF
0805
16 V Cercap - general purpose - X7R - 10 %
KEMET
C21
4.7 µF - 6.3 V
0805
6.3 V Cercap - general purpose - X5R - 15 %
KEMET
C23
4.7 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C24
470 pF
0805
50 V Cercap - general purpose - C0G - 5 %
KEMET
C25
2.2 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C26
1000 µF - 25 V
Dia.12x20
p. 5 mm
Aluminium ELCAP - YXF series - 105 °C
RUBYCON
C27
100 µF - 50 V
Dia. 8x11
p. 3.5 mm
Aluminium ELCAP - YXF series - 105 °C
RUBYCON
C28
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C29
N.M.
0805
Not mounted
C3
1 µF - X2
11x26.5 mm
p. 22.5
FLM CAP - B32923C3105K
EPCOS
C30
470 nF
1206
50 V Cercap - general purpose - Y5 V - 20 %
KEMET
C31
2.2 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C32
1 µF
1206
16 V Cercap - general purpose - X7R - 10 %
KEMET
C33
10 µF - 50 V
Dia. 6.3x11
(MM) p. 2.5
mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com