Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 13Page - STMicroelectronics AN3329 Datasheet HTML 14Page - STMicroelectronics AN3329 Datasheet HTML 15Page - STMicroelectronics AN3329 Datasheet HTML 16Page - STMicroelectronics AN3329 Datasheet HTML 17Page - STMicroelectronics AN3329 Datasheet HTML 18Page - STMicroelectronics AN3329 Datasheet HTML 19Page - STMicroelectronics AN3329 Datasheet HTML 20Page - STMicroelectronics AN3329 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
AN3329
Functional check
Doc ID 18376 Rev 1
17/47
In Figure 26 details of Viper27LN operation at short detection is captured; once an output
short-circuit is detected, an internal current source charges the device internal circuitry and
stops the auxiliary converter operation until the VDD voltage drops down to VDD_RESTART
(4.5 V). At that time the internal HV current source is activated and charges the VDD
capacitor until it reaches the VDDon threshold, then the Viper27LN restarts switching via a
soft-start cycle. Hiccup cycles are repeated as long as the short-circuit condition lasts.
Viper27LN is resumed back to normal operation only when the short-circuit condition is
removed.
Figure 27 and 28 show the load regulation for the 5 V standby output. The standby supply
has been tested in the most critical situation, the transition from full load to no load and vice
versa. In fact, when a flyback converter is operating at full load, typically the self supply
voltage VDD spike is quite high, due to the effect of the leakage inductance. Once the load is
decreased or removed, VDD tends to reduce. Since the circuit works in burst-mode during
no load operation, at high mains the burst pulses have a low repetition rate due to the almost
negligible residual load. In this condition the VDD might drop below VDD_RESTART (4.5 V),
causing the auto-restart cycles activation by the controller and consequent reset by the
microprocessor powered by the 5 V standby. As can be seen in Figure 27 and 28, both
transitions are clean and there is no output voltage or Vcc dip.
Figure 27.
Standby supply dynamic load at
115 Vac - 60 Hz - PFC off
Figure 28.
Standby supply dynamic load at
115 Vac - 60 Hz - PFC on
CH2: VDD (pin #2)
CH3: +5 V standby
CH4: 5 V stby current
CH1: FB (pin #4)
CH3: 5 V standby
CH1: FB (pin #4)
CH2: VDD (pin #2)
CH4: 5 V stby current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com