Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 10Page - STMicroelectronics AN3329 Datasheet HTML 11Page - STMicroelectronics AN3329 Datasheet HTML 12Page - STMicroelectronics AN3329 Datasheet HTML 13Page - STMicroelectronics AN3329 Datasheet HTML 14Page - STMicroelectronics AN3329 Datasheet HTML 15Page - STMicroelectronics AN3329 Datasheet HTML 16Page - STMicroelectronics AN3329 Datasheet HTML 17Page - STMicroelectronics AN3329 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Functional check
AN3329
14/47
Doc ID 18376 Rev 1
In Figure 17 the 5 V standby output voltage ripple has been captured during operation at
115 Vac of the standby converter only. Ripple and noise measured at full load are very
limited.
Figure 18 shows the waveforms during the startup of the standby converter only, at 115 Vac
and full load. At Viper27LN power-on the Vcc capacitor is charged by the internal startup
current source until its voltage reaches the turn-on threshold. At this point the Viper27LN
starts operating and the output voltage rises to reach the nominal value. During the
converter startup, the Viper27LN internal digital fixed time-based (8.5 ms) soft-start
gradually increases the drain current to its maximum value. In this way the stress on the
secondary diode is considerably reduced and transformer saturation is prevented. The
brownout circuit prevents the Viper27LN from starting up during abnormal mains conditions.
Figure 15.
Standby supply waveforms at
400 Vdc, full load
Figure 16.
Standby supply output rectifiers
PIV at 400 Vdc, full load
CH1: DRAIN (pin #8)
CH3: CONT (pin #3)
CH2: VDD (pin #2)
CH4: FB (pin #4)
CH3: PIV D22
CH4: PIV D18
Figure 17.
Standby supply 5 V ripple at
115 Vac - 60 Hz, full load
Figure 18.
Standby supply startup at 115 Vac -
60 Hz, full load
CH3: + 5 V standby ripple voltage
CH1: DRAIN (pin #8)
CH2: +5 V standby
CH3: BO (pin #5)
CH4: VDD (pin #2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com