Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Bill of materials
AN3329
34/47
Doc ID 18376 Rev 1
HS2
Heatsink
DWG
Heatsink for Q3 and Q6
HS3
Heatsink
DWG
Heatsink for D4 and D11
HS4
Heatsink
DWG
Heatsink for D18
HS5
Heatsink
DWG
Heatsink for D9
J1
09-65-2038
DWG
Connector-pitch 3.96 mm - 2 pins (1 removed) -
KK
Molex
J2
280385-2
DWG
Connector - p. 2.54 mm - 8 x 2 rows - MODU-II
AMP
J3
280384-2
DWG
Connector - p. 2.54 mm - 4 x 2 rows - MODU-II
AMP
JPX1
Shorted
Wire jumper
JPX10
Shorted
Wire jumper
JPX11
Shorted
Wire jumper - insulated
JPX12
Shorted
Wire jumper
JPX13
Shorted
Wire jumper - insulated
JPX14
Shorted
Wire jumper
JPX15
Shorted
Wire jumper
JPX16
Shorted
Wire jumper - insulated
JPX17
Shorted
Wire jumper
JPX18
Shorted
Wire jumper - insulated
JPX19
Shorted
Wire jumper
JPX2
Shorted
Wire jumper - insulated
JPX20
Shorted
Wire jumper
JPX21
Shorted
Wire jumper
JPX22
Shorted
Wire jumper
JPX23
Shorted
Wire jumper
JPX24
Shorted
Wire jumper
JPX25
Shorted
Wire jumper
JPX3
Shorted
Wire jumper
JPX4
Shorted
Wire jumper
JPX5
Shorted
Wire jumper
JPX6
Shorted
Wire jumper - insulated
JPX7
Shorted
Wire jumper - insulated
JPX8
Shorted
Wire jumper
JPX9
Shorted
Wire jumper
L1
240 µH
DWG
2086.0001 - PFC inductor
MAGNETICA
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com