Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
AN3329
Bill of materials
Doc ID 18376 Rev 1
35/47
L2
3 mH
DWG
1606.0007 EMI filter
MAGNETICA
L3
70 µH
26x13 mm
2190.0001 DM inductor
MAGNETICA
L4
2.2 µH
DIA12 p. 5 mm
10610041 - 3 µH - 11 A inductor
MAGNETICA
L5
1 µH
DIA8 p. 5 mm
10710083 - 1 µ - 5 A inductor
MAGNETICA
L6
1 µH
DIA8 p. 5 mm
10710083 - 1 µ - 5 A inductor
MAGNETICA
PCB
PCB rev. 2
Single Layer - 2 OZ. - CEM-1
Q10
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q11
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q3
STF12NM50N
TO-220FP
N-channel Power MOSFET
STMicroelectronics
Q5
STF14NM50N
TO-220FP
N-channel Power MOSFET
STMicroelectronics
Q6
STF12NM50N
TO-220FP
N-channel Power MOSFET
STMicroelectronics
Q7
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q8
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q9
BC857C
SOT-23
PNP small signal BJT
VISHAY
R1
NTC 2R5-S237
DWG
NTC resistor P/N B57237S0259M000
EPCOS
R10
51 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R11
3.9 M
Ω
1206
SMD standard film res - 1/4W - 1 % - 100 ppm/°C
VISHAY
R12
470 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R13
130 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R15
2.2 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R16
3.9 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R17
200 k
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R18
56
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R2
2.2 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R20
100 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R21
10
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R22
3.9 k
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R23
4.7 M
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R24
3.3 k
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R25
10
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R27
2.2
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R29
4.7 k
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R3
27 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R31
100 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com