Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 22Page - STMicroelectronics AN3329 Datasheet HTML 23Page - STMicroelectronics AN3329 Datasheet HTML 24Page - STMicroelectronics AN3329 Datasheet HTML 25Page - STMicroelectronics AN3329 Datasheet HTML 26Page - STMicroelectronics AN3329 Datasheet HTML 27Page - STMicroelectronics AN3329 Datasheet HTML 28Page - STMicroelectronics AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Functional check
AN3329
26/47
Doc ID 18376 Rev 1
Startup
Figure 50 shows waveforms during startup at 115 Vac and full load of PFC and resonant
stages. It is possible to note the sequence of the two stages; once the on/off signal is
asserted high, voltage on C44 increases up to the Vcc turn-on thresholds of the L6564 and
L6599A. The PFC starts first and its output voltage starts increasing from the mains rectified
voltage to its nominal value. In the meantime, the L6599A is kept inactive by the LINE pin
(#7) until the PFC voltage reaches the nominal output voltage, corresponding to 1.24 V on
the LINE pin, then the resonant converter is enabled and starts switching. Figure 53 reports
details of initial operation by the half bridge. It can be noted that the initial HB pulses are
shorter than the following ones, and the resonant tank current has the correct polarity. This
is achieved by means of the circuit R29, D8, C23, and R23, connected to the L6599A CF pin
(#3). The purpose of this circuit is to provide an asymmetric operation by the half bridge
MOSFETs during the initial pulses to prevent hard switching operation that may occur
because the resonant capacitor C39 is discharged, and could damage the half bridge
MOSFETs.
In Figure 52 the rising of the output voltages at startup has been captured. Note that the
output voltages are reaching the steady-state level after ~90 ms when the on/off signal has
been asserted high. The rising of the output voltages, controlled by C21 (CSS capacitor), is
monotonic, regular, and without overshoots.
Figure 53 details the PFC and resonant converter turn-off. Note that after the on/off signal
has been asserted low, the V_C44 decreases down to the L6564 and L6599A respective
Vcc UVLO voltages and both converters stops switching correctly, without restarting
attempts.
Figure 50.
Startup by on-off signal at full load
and 115 Vac - 60 Hz
Figure 51.
Startup by on-off signal at full load
and 115 Vac - 60 Hz - L6599A
signals
CH3: V_C44
CH1: HB voltage
CH2: PFC drain
CH4: On/off signal
CH3: LVG (pin #11)
CH1: HB voltage
CH2: LINE (pin #7)
CH4: C39 current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com