Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 28Page - STMicroelectronics AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Bill of materials
AN3329
32/47
Doc ID 18376 Rev 1
C34
220 pF
0805
50 V Cercap - general purpose - COG - 5 %
KEMET
C35
4.7 nF
1206
50 V Cercap - general purpose - X7R - 10 %
KEMET
C36
220 pF
1206
500 V Cercap - 12067A221JAT2A - C0G - 5 %
AVX
C38
220 nF
0805
16 V Cercap - general purpose - X7R - 10 %
KEMET
C39
33 nF
5.0 x 18.0
p. 15 mm
1 kV - MKP film capacitor B32652A0333J
EPCOS
C4
470 nF - 630 V
11x26.5 mm
p. 22.5
630 V - FLM CAP - B32613A6474K***
EPCOS
C40
47 µF - 50 V
Dia. 6.3x11
mm p. 2.5
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C42
10 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C44
47 µF - 50 V
Dia. 6.3x11
mm p. 2.5 mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C45
47 nF
0805
25 V Cercap - general purpose - X7R - 10 %
KEMET
C46
2.2 nF
DWG
Y1 - Safety CAP. DE1E3KX222M
MURATA
C47
10 µF - 450 V
Dia. 10 p. 5
mm
450 V - Aluminium ELCAP - VY series - 105 °C
Nichicon
C49
1000 µF - 10 V
Dia.10x16
p. 5 mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C5
470 nF - 630 V
11x26.5 mm
p. 22.5
630 V - FLM CAP - B32613A6474K***
EPCOS
C50
1000 µF - 10 V
Dia.10x16
p. 5 mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C51
220 µF - 16 V
Dia.8x11 p. 2
mm
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C52
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C53
22 µF - 50 V
Dia. 5X11
p. 2 mm
Aluminium ELCAP - YXF series - 105°C
Rubycon
C54
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C55
2.2 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C56
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C59
10 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C6
100 µF - 450 V
Dia. 18x35 mm
p.10
450 V - aluminium ELCAP - KXG series - 105 °C
Nippon Chemi-con
C60
100 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C61
10 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com