Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics AN3329 Datasheet HTML 42Page - STMicroelectronics AN3329 Datasheet HTML 43Page - STMicroelectronics AN3329 Datasheet HTML 44Page - STMicroelectronics AN3329 Datasheet HTML 45Page - STMicroelectronics AN3329 Datasheet HTML 46Page - STMicroelectronics AN3329 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
AN3329
Auxiliary flyback transformer specifications
Doc ID 18376 Rev 1
43/47
9
Auxiliary flyback transformer specifications
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Winding type: layer
●
Coil former: horizontal type, 4+5 pins, two slots
●
Max. temp. rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
●
Mains insulation: acc. to EN60950
●
Unit finishing: varnished
Electrical characteristics
●
Converter topology: flyback, CCM/DCM mode
●
Core type: E20-PC44 or equivalent
●
Typical operating frequency: 60 kHz
●
Primary inductance: 2.380 mH ± 10 % at 1 kHz - 0.25 V(d)
●
Leakage inductance: 30 µH at 50 kHz - 0.25 V(e)
●
Max. peak primary current: 0.5 Apk
●
RMS primary current: 0.17 Arms
DC output characteristics
●
Converter topology: flyback, CCM/DCM mode
d.
Measured between pins 4-5.
e.
Measured between pins 2-4 with secondary windings with same polarity shorted at time.
Table 5.
DC output voltage and load
DC output voltage
DC load
5 V
2 ADC
16 V
0.05 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com