Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 160 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 156Page - STMicroelectronics RM0319 Datasheet HTML 157Page - STMicroelectronics RM0319 Datasheet HTML 158Page - STMicroelectronics RM0319 Datasheet HTML 159Page - STMicroelectronics RM0319 Datasheet HTML 160Page - STMicroelectronics RM0319 Datasheet HTML 161Page - STMicroelectronics RM0319 Datasheet HTML 162Page - STMicroelectronics RM0319 Datasheet HTML 163Page - STMicroelectronics RM0319 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
160/368
Doc ID 022640 Rev 3
13.4
Functional description
The MACB module implements a 10/100 Ethernet MAC compatible with the IEEE 802.3
standard using an address checker, statistics and control registers, receive and transmit
blocks, and a DMA interface.
Figure 53.
MACB detailed block diagram
13.4.1
Address checker
The address checker recognizes four specific 48-bit addresses and contains a 64-bit hash
register for matching multicast and unicast addresses. It can recognize the broadcast
address of all ones, copy all frames, and act on an external address match signal.
13.4.2
Statistics register block
The statistics register block contains registers for counting various types of event associated
with transmit and receive operations. These registers, along with the status words stored in
the receive buffer list, enable software to generate network management statistics
compatible with IEEE 802.3 Clause 30.
13.4.3
Control registers
The control registers drive the MDIO interface, setup up DMA activity, start frame
transmission and select modes of operation such as full or half duplex.
13.4.4
Receive block
The receive block checks for valid preamble, FCS, alignment and length, and presents
received frames to the address checking block and DMA interface. The transmit block takes
data from the DMA interface adds preamble and, if necessary, pad and FCS, and transmits
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
pclk_syncs
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
hclk_syncs
Statistics
Register
Control
Registe
r
DMA Interface
Tx
FIFO
Rx
FIFO
MII/RMII
External FIFO interface
DMA I/F
MDIO
CPU I/F
FIFO
Interface
Address
Checker
Ethernet
Receive
Ethernet
Transmit
Tx-State
Machine
MII/RMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com