Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 162 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 158Page - STMicroelectronics RM0319 Datasheet HTML 159Page - STMicroelectronics RM0319 Datasheet HTML 160Page - STMicroelectronics RM0319 Datasheet HTML 161Page - STMicroelectronics RM0319 Datasheet HTML 162Page - STMicroelectronics RM0319 Datasheet HTML 163Page - STMicroelectronics RM0319 Datasheet HTML 164Page - STMicroelectronics RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
162/368
Doc ID 022640 Rev 3
location pointed to by the receive buffer queue pointer register. The receive buffer start
location is a word address. For the first buffer of a frame, the start location can be offset by
up to three bytes depending on the value written to bits 14 and 15 of the network
configuration register. If the start location of the buffer is offset the available length of the first
buffer of a frame is reduced by the corresponding number of bytes.
Each list entry consists of two words. The first being the address of the receive buffer and
the second being the receive status. If the length of a receive frame exceeds the buffer
length the status word for the used buffer is written with zeroes except for the start of frame
bit and the offset bits if appropriate. Bit zero of the address field is written to one to show the
buffer has been used. The receive buffer manager then reads the location of the next
receive buffer and fills that with receive frame data. The final buffer descriptor status word
contains the complete frame status. The received frame length is only available in the status
word of the final buffer descriptor. Refer to the following table for details of the receive buffer
descriptor list.
Table 54.
Receive buffer descriptor entry
Bit
Function
Word 0
[31:02]
Address of beginning of buffer
[01]
Wrap - marks last descriptor in receive buffer descriptor list.
[00]
Ownership - needs to be zero for the MACB to write data to the receive buffer. The
MACB sets this to one once it has successfully written a buffer to memory. Software
has to clear this bit before the buffer can be used again.
Word 1
[31]
Global all ones broadcast address detected
[30]
Multicast hash match
[29]
Unicast hash match
[28]
External address match
[27]
Unknown source address (reserved for future use)
[26]
Specific address register 1 match
[25]
Specific address register 2 match
[24]
Specific address register 3 match
[23]
Specific address register 4 match
[22]
Type ID match
[21]
VLAN tag detected (that is. type ID of 0x8100)
[20]
Priority tag detected (that is. type ID of 0x8100 and null VLAN identifier)
[19:17]
VLAN priority (only valid if bit 21 is set)
[16]
Concatenation format indicator (CFI) bit (only valid if bit 21 is set)
[15]
End of frame - when set the buffer contains the end of a frame. If end of frame is not
set then the only other valid status are bits 12, 13 and 14.
[14]
Start of frame - when set the buffer contains the start of a frame. If both bits 15 and
14 are set then the buffer contains a whole frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com