Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 164 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 160Page - STMicroelectronics RM0319 Datasheet HTML 161Page - STMicroelectronics RM0319 Datasheet HTML 162Page - STMicroelectronics RM0319 Datasheet HTML 163Page - STMicroelectronics RM0319 Datasheet HTML 164Page - STMicroelectronics RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
164/368
Doc ID 022640 Rev 3
For a properly working Ethernet system there should be no excessive length frames or
frames greater than 128 bytes with CRC/FCS errors. Collision fragments will be less than
128 bytes long. Therefore it will be a rare occurrence to find a frame fragment in a receive
buffer.
If bit zero is set when the receive buffer manager reads the location of the receive buffer,
then the buffer has already been used and cannot be used again until software has
processed the frame and cleared bit zero. In this case, the DMA block will set the buffer not
available bit in the receive status register and trigger an interrupt.
If bit zero is set when the receive buffer manager reads the location of the receive buffer and
a frame is being received, the frame will be discarded and the receive resource error
statistics register will be incremented.
A receive overrun condition occurs when either the AHB or ASB bus was not granted in time
or because HRESP was not OK. In a receive overrun condition, the receive overrun interrupt
is asserted and the buffer currently being written is recovered. The next frame that is
received whose address is recognized reuses the buffer.
If bit 17 of the network configuration register is set, the FCS of received frames shall not be
copied to memory. The frame length indicated in the receive status field shall be reduced by
four bytes in this case.
Transmit buffer
Frames to be transmitted are stored in one or more transmit buffers. Transmit buffers can be
between 0 and 2047 bytes long, so it is possible to transmit frames longer than the
maximum length specified in IEEE std 802.3. Zero length buffers are allowed. The maximum
number of buffers permitted for each transmit frame is 128.
The start location for each transmit buffer is stored in memory in a list of transmit buffer
descriptors at a location pointed to by the transmit buffer queue pointer register. Each list
entry consists of two words. The first being the byte address of the transmit buffer and the
second containing the transmit control and status. Frames can be transmitted with or without
automatic CRC generation. If CRC is automatically generated, the pad will also be
automatically generated to take frames to a minimum length of 64 bytes.
Table 55: Transmit buffer descriptor entry defines an entry in the transmit buffer descriptor
list.
To transmit frames, the buffer descriptors must be initialized by writing an appropriate byte
address to bits 31 to 0 in the first word of each list entry. The second transmit buffer
descriptor is initialized with control information that indicates the length of the buffer,
whether or not it is to be transmitted with CRC and whether the buffer is the last buffer in the
frame.
After transmission the control bits are written back to the second word of the first buffer
along with the used bit and other status information. Bit 31 is the used bit which must be
zero when the control word is read if transmission is to happen. It is written to one when a
frame has been transmitted. Bits 27, 28 and 29 indicate various transmit error conditions. Bit
30 is the wrap bit which can be set for any buffer within a frame. If no wrap bit is encountered
after 1024 descriptors the queue pointers rolls over to the start in a similar fashion to the
receive queue.
The transmit buffer queue pointer register must not be written while transmit is active. If a
new value is written to the transmit buffer queue pointer register the queue pointer resets
itself to point to the beginning of the new queue. If transmit is disabled by writing to bit 3 of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com