Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 167 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 163Page - STMicroelectronics RM0319 Datasheet HTML 164Page - STMicroelectronics RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 368 page
background image
RM0319
Fast Ethernet ports (RMII0/RMII1/MII1)
Doc ID 022640 Rev 3
167/368
Pause Frame Support
Note:
See Clause 31, Annex 31A and 31B of IEEE standard 802.3 for a full specification of the
pause operation.
The start of an 802.3 pause frame looks like this:
The network configuration register contains a receive pause enable bit (13). If a valid pause
frame is received the pause time register is updated with the frame's pause time regardless
of its current contents and regardless of the state of the configuration register bit 13. An
interrupt (12) is triggered when a pause frame is received, assuming it is enabled in the
interrupt mask register. If bit 13 is set in the network configuration register and the value of
the pause time register is non-zero, no new frame is transmitted until the pause time register
has decremented to zero.
The loading of a new pause time, and hence the pausing of transmission, only occurs when
the MACB is configured for full duplex operation. If the MACB is configured for half duplex
there will be no transmission pause, but the pause frame received interrupt will still be
triggered.
A valid pause frame is defined as having a destination address that matches either the
address stored in specific address register 1 or matches 0x0180C2000001 and has the
MAC control frame type ID of 0x8808 and has the pause opcode of 0x0001. Pause frames
that have FCS or other errors will be treated as invalid and will be discarded. Valid pause
frames received will increment the pause frame received statistic register.
The pause time register decrements every 512 bit times (that is. 128 rx_clks in nibble mode)
once transmission has stopped. For test purposes the register decrements every rx_clk
cycle once transmission has stopped if bit 12 (retry test) is set in the network configuration
register. If the pause enable bit (13) is not set in the network configuration register then the
decrementing will happen regardless of whether transmission has stopped or not.
An interrupt (13) is asserted whenever the pause time register decrements to zero
(assuming it is enabled in the interrupt mask register).
Automatic transmission of pause frames is supported through the transmit pause frame bits
of the network control register and the tx_pause and tx_pause_zero inputs.
If either bit 11 or bit 12 of the network control register is written to with a 1, or if the input
signal tx_pause is toggled, a pause frame will be transmitted only if full duplex is selected in
the network configuration register and transmit is enabled in the network control register.
Table 56.
Pause frame support
Destination
Address
Source Address
Type (MAC
Control Frame)
Pause opcode
Pause Time
0x0180C2000001
6 bytes
0x8808
0x0001
2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com