Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 170 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics RM0319 Datasheet HTML 172Page - STMicroelectronics RM0319 Datasheet HTML 173Page - STMicroelectronics RM0319 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
170/368
Doc ID 022640 Rev 3
The sequence above shows the beginning of an Ethernet frame. Byte order of transmission
is from top to bottom as shown. For a successful match to specific address 1, the following
address matching registers must be set up:
Base address + 0x98 0x87654321 (Bottom)
Base address + 0x9C 0x0000CBA9 (Top)
And for a successful match to the Type ID register the following should be set up:
Base address + 0xB8 0x00004321
See IEEE Standard 802-2001, Clause 9 for a detailed description of 802 addressing.
Broadcast address
The broadcast address of 0xFFFFFFFFFFFF is recognised if the no broadcast bit in the
network configuration register is zero.
Hash addressing
The hash address register is 64 bits long and takes up two locations in the memory map.
The least significant bits are stored in hash register bottom and the most significant bits in
hash register top.
The unicast hash enable and the multicast hash enable bits in the network configuration
register enable the reception of hash matched frames. The destination address is reduced
to a 6 bit index into the 64 bit hash register using the following hash function. The hash
function is an XOR of every sixth bit of the destination address.
hash_index[5] = da[5] ^ da[11] ^ da[17] ^ da[23] ^ da[29] ^ da[35] ^ da[41] ^ da[47]
hash_index[4] = da[4] ^ da[10] ^ da[16] ^ da[22] ^ da[28] ^ da[34] ^ da[40] ^ da[46]
hash_index[3] = da[3] ^ da[09] ^ da[15] ^ da[21] ^ da[27] ^ da[33] ^ da[39] ^ da[45]
hash_index[2] = da[2] ^ da[08] ^ da[14] ^ da[20] ^ da[26] ^ da[32] ^ da[38] ^ da[44]
hash_index[1] = da[1] ^ da[07] ^ da[13] ^ da[19] ^ da[25] ^ da[31] ^ da[37] ^ da[43]
hash_index[0] = da[0] ^ da[06] ^ da[12] ^ da[18] ^ da[24] ^ da[30] ^ da[36] ^ da[42]
da[0] represents the least significant bit of the first byte received, that is, the
multicast/unicast indicator, and da[47] represents the most significant bit of the last byte
received.
If the hash index points to a bit that is set in the hash register then the frame will be matched
according to whether the frame is multicast or unicast.
A multicast match will be signalled if the multicast hash enable bit is set. da[0] is 1 and the
hash index points to a bit set in the hash register.
A unicast match will be signalled if the unicast hash enable bit is set. da[0] is 0 and the hash
index points to a bit set in the hash register.
SA (MSB)
43
SA (LSB)
21
Table 57.
Address match register (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com