Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 173 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics RM0319 Datasheet HTML 172Page - STMicroelectronics RM0319 Datasheet HTML 173Page - STMicroelectronics RM0319 Datasheet HTML 174Page - STMicroelectronics RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 368 page
background image
RM0319
Fast Ethernet ports (RMII0/RMII1/MII1)
Doc ID 022640 Rev 3
173/368
13.5
Interrupts
There are 14 interrupt conditions that are detected within the MACB. The common interrupt
(which is an ORed version of the 14 interrupts) and the Wake-Up on LAN (won) interrupt
from the two MACBs are all ORed and connected to line 1 of the Vectored Interrupt
Controller (VIC). For the source of interrupt on line 1 of the VIC, you can refer to the Interrupt
status register (0xB300_0004) description which is external to the MACB blocks. This a
read-only register and as soon as the interrupt is cleared at its source, the status is updated
in this register.
This single interrupt is passed through a further level of interrupt collection (Common
Interrupt Status Register). On receipt of the interrupt signal, the CPU enters the interrupt
handler. To ascertain which interrupt has been generated, read the external Common
Interrupt Status Register and then the internal Interrupt Status Register.
Note:
The Interrupt Status Register internal to the MAC will clear itself when read.
At reset all interrupts are disabled. To enable an interrupt, write to interrupt enable register
with the pertinent interrupt bit set to 1. To disable an interrupt, write to interrupt disable
register with the pertinent interrupt bit set to 1. To check whether an interrupt is enabled or
disabled, read interrupt mask Register: if the bit is set to 1, the interrupt is disabled.
13.6
Programming examples
Prior to configuring and initializing the MACB, the interface signals must be enabled on the
external pins. The procedure for enabling the interface depends on the configuration mode
of the shared PL_GPIO pins.
Refer to the datasheet for a description of the related configuration modes (Automation
Networking mode, Automation expansion mode, Extended mode and Small Printer mode).
13.6.1
Enabling the MII interface
1.
To enable MII:
In “Mode 2 MII Automation Networking" mode:
a)
Check bit [0] in the RASCFG Extended Control Register (0xB3000018) is set to '0'
b)
Write 0x1 to bits [2:0] in the RASCFG Control Register (0xB3000010)
In “Extended" mode”
a)
Write 0x1 to bit [0] in the RASCFG Extended Control Register (0xB3000018)
b)
Check bit [19:18] is set to '00' in RASCFG Extended Control Register
(0xB3000018)
c)
Configure "IP Port select for GPIO_x to GPIO_y in the RASCFG Extended Mode
Register" (0xB30000A4 - 0xB30000CC)
2. Go to Initializing and configuring MACB on page 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com