Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 172 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics RM0319 Datasheet HTML 172Page - STMicroelectronics RM0319 Datasheet HTML 173Page - STMicroelectronics RM0319 Datasheet HTML 174Page - STMicroelectronics RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
172/368
Doc ID 022640 Rev 3
Wake-on LAN support
The receive block supports wake-on LAN by detecting the following events on incoming
receive frames:
●
Magic packet
●
ARP request to the device IP address
●
Specific address 1 filter match
●
Multicast hash filter match
If one of these events occurs wake-on LAN detection is indicated by asserting the wol output
pin for 64 rx_clk cycles. These events can be individually enabled through bits[19:16] of the
wake-on LAN register. Also, for wake-on LAN detection to occur receive enable must be set
in the network control register, however a receive buffer does not have to be available.
wol assertion due to ARP request, specific address 1 or multicast filter events will occur
even if the frame is errored. For magic packet events, the frame must be correctly formed
and error free.
A magic packet event is detected if all of the following are true:
●
Magic packet events are enabled through bit 16 of the wake-on LAN register
●
The frame is correctly formed with no errors
●
The frame contains at least 6 bytes of 0xFF for synchronisation
●
There are 16 repetitions of the contents of specific address 1 register immediately
following the synchronisation.
An ARP request event is detected if all of the following are true:
●
ARP request events are enabled through bit 17 of the wake-on LAN register
●
Broadcasts are allowed by bit 5 in the network configuration register
●
The frame has a broadcast destination address (bytes 1 to 6)
●
The frame has a typeID field of 0x0806 (bytes 13 and 14)
●
The frame has an ARP operation field of 0x0001 (bytes 21 and 22)
●
The least significant 16 bits of the frame ARP target protocol address (bytes 41 and 42)
match the value programmed in bits[15:0] of the wake-on LAN register.
The decoding of the ARP fields adjusts automatically if a VLAN tag is detected within the
frame. The reserved value of 0x0000 for the Wake on LAN target address value will not
cause an ARP request event, even if matched by the frame.
A specific address 1 filter match event will occur if all of the following are true:
●
Specific address 1 events are enabled through bit 18 of the wake-on LAN register
●
The frame destination address matches the value programmed in the specific address
1 registers
A multicast filter match event will occur if all of the following are true:
●
Multicast hash events are enabled through bit 19 of the wake-on LAN register
●
Multicast hash filtering is enabled through bit 6 of the network configuration register
●
The frame destination address matches against the multicast hash filter
●
The frame destination address is not a broadcast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com