Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 174 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics RM0319 Datasheet HTML 172Page - STMicroelectronics RM0319 Datasheet HTML 173Page - STMicroelectronics RM0319 Datasheet HTML 174Page - STMicroelectronics RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
174/368
Doc ID 022640 Rev 3
13.6.2
Enabling the RMII interface
1.
Enable RMII in "Extended" mode
a)
write 0x1 to bit [0] in the RASCFG Extended Control Register (0xB3000018)
For RMII0: write 0x1 to bits [17:16] in the RASCFG Extended Control Register
(0xB3000018)
For RMII1: write 0x1 to bits [19:18] in the RASCFG Extended Control Register
(0xB3000018)
b)
Configure the RASCFG "IP Port select for GPIO_x to GPIO_y in Extended Mode”
registers (0xB30000A4 - 0xB30000CC)
2.
Go to Initializing and configuring MACB on page 174
13.6.3
Initializing and configuring MACB
The initialization of the MACB configuration (for example. loop-back mode, frequency ratios)
must be done while transmit and receive circuits are disabled. See the description of the
network control register and network configuration register earlier in this document.
The size of the system memory is 1GB and the address range is from (0x0000_0000 -
0x3FFF_FFFF). The DMA interface (AHB Master) can access this space to store the
transmit and receive buffers and queues.
To change loop-back mode, follow these steps:
1.
Write to network control register to disable transmit and receive circuits.
2.
Write to network control register to change loop-back mode.
3.
Write to network control register to re-enable transmit or receive circuits.
Note:
These writes to network control register cannot be combined in any way.
13.6.4
Creating a receive buffer list
Receive data is written to areas of data (buffers) in the system memory. These buffers are
listed in another data structure that also resides in the main memory. This data structure
(receive buffer queue) is a sequence of descriptor entries as defined in receive buffer
descriptor entry. It points to this data structure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com