Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 178 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 174Page - STMicroelectronics RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics RM0319 Datasheet HTML 179Page - STMicroelectronics RM0319 Datasheet HTML 180Page - STMicroelectronics RM0319 Datasheet HTML 181Page - STMicroelectronics RM0319 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
178/368
Doc ID 022640 Rev 3
13.6.7
Transmitting frames in MII/RMII mode
To set up a frame for transmission:
1.
Enable transmit in the network control register.
2.
Allocate an area of system memory for transmit data. This does not have to be
contiguous, varying byte lengths can be used as long as they conclude on byte
borders.
3.
Set-up the transmit buffer list.
4.
Set the network control register to enable transmission and enable interrupts.
5.
Write data for transmission into these buffers.
6.
Write the address to transmit buffer descriptor queue pointer.
7.
Write control and length to word one of the transmit buffer descriptor entry.
8.
Write to the transmit start bit in the network control register.
13.6.8
Receiving frames in MII/RMII mode
When a frame is received and the receive circuits are enabled, the MACB checks the
address and, in the following cases, the frame is written to system memory:
1.
If it matches one of the four specific address registers.
2.
If it matches the hash address function.
3.
If it is a broadcast address (0xFFFFFFFFFFFF) and broadcasts are allowed.
4.
If the MACB is configured to copy all frames.
5.
If the EAM is asserted before four words have been loaded into the receive FIFO.
The register receive buffer queue pointer points to the next descriptor entry (see Receive
Buffer Descriptor Entry) and the MACB uses this as the address in system memory to write
the frame to. Once the frame has been completely and successfully received and written to
system memory, the MACB then updates the receive buffer descriptor entry with the reason
for the address match and marks the area as being owned by software. Once this is
complete an interrupt receive complete is set. Software is then responsible for handling the
data in the buffer and then releasing the buffer by writing the ownership bit back to 0. If the
MACB is unable to write the data at a rate to match the incoming frame, then an interrupt
receive overrun is set. If there is no receive buffer available, that is. the next buffer is still
owned by software, the interrupt receive buffer not available is set. If the frame is not
successfully received, a statistic register is incremented and the frame is discarded without
informing software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com