Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 179 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics RM0319 Datasheet HTML 179Page - STMicroelectronics RM0319 Datasheet HTML 180Page - STMicroelectronics RM0319 Datasheet HTML 181Page - STMicroelectronics RM0319 Datasheet HTML 182Page - STMicroelectronics RM0319 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 368 page
background image
RM0319
MMC-SD card/SDIO controller
Doc ID 022640 Rev 3
179/368
14
MMC-SD card/SDIO controller
This chapter describes the features of the MMC/SD/SDIO host controller and provides
programming information.
For technical details about the programmable registers, refer to the MMC/SD/SDIO
controller registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
14.1
Overview
The MMC/SD/SDIO host controller conforms to the SD host controller standard specification
version 2.0. It handles SDIO/SD protocol at transmission level, packing data, adding cyclic
redundancy check (CRC), start/end bit and checking for transaction format correctness. The
host controller provides programmed IO and DMA data transfer method.
14.2
Main features
●
Meets SD Host Controller Standard Specification Version 2.0
●
Meets SDIO card specification version 2.0
●
Meets SD Memory Card Specification Draft version 2.0
●
Meets SD Memory Card Security Specification version 1.01
●
Meets MMC Specification version 3.31 and 4.2
●
Supports both DMA and Non-DMA mode of operation
●
Supports MMC Plus and MMC Mobile
●
Card Detection (Insertion / Removal)
●
Password protection of Cards
●
Host clock rate variable between 0 and 48 MHz
●
Supports 1-/4-/8-bit SD modes and SPI mode
●
Supports multimedia card interrupt mode
●
Allows card to interrupt host in 1bit, 4 bit, 8 bit SD modes and SPI mode.
●
Up to 100 Mbits per second data rate using 4 parallel data lines (SD4 bit mode)
●
Up to 416 Mbits per second data rate using 8 bit parallel data lines (SD8 bit mode)
●
Cyclic redundancy check CRC7 for command and CRC16 for data integrity
●
Designed to work with I/O cards, read-only cards and read/write cards
●
Error correction code (ECC) support for MMC4.2 cards
●
Supports read wait control, suspend/resume operation
●
Supports FIFO overrun and underrun condition by stopping SD clock
●
Conforms to AMBA specification AHB (2.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com