Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 176 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 172Page - STMicroelectronics RM0319 Datasheet HTML 173Page - STMicroelectronics RM0319 Datasheet HTML 174Page - STMicroelectronics RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics RM0319 Datasheet HTML 179Page - STMicroelectronics RM0319 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
176/368
Doc ID 022640 Rev 3
To create this list of buffers:
1.
Allocate a number (n) of buffers of 128 bytes in system memory.
2.
Allocate an area of 2n words for the receive buffer descriptor entry in system memory
and create n entries in this list. Mark all entries in this list as owned by MACB, which
means that the bit 0 of word 0 should be set to 0.
3.
If less than 1024 buffers are defined, the last descriptor must be marked with the wrap
bit (bit 1 in word 0 set to 1).
4.
Write address of receive buffer descriptor entry to MACB register receive_buffer queue
pointer.
5.
The receive circuits can then be enabled by writing to the address recognition registers
and then to the network control register.
13.6.5
Creating a transmit buffer list
Transmit data is read from areas of data (buffers) in the system memory. These buffers are
listed in another data structure that also resides in the main memory. This data structure
(transmit buffer queue) is a sequence of descriptor entries as defined in the transmit buffer
descriptor entry. It points to this data structure.
To create this list of buffers:
1.
Allocate a number (n) of buffers of between 1 and 2047 bytes of data to be transmitted
in system memory. Up to 128 buffers per frame are allowed.
2.
Allocate an area 2n words for the transmit buffer descriptor entry in system memory
and create N entries in this list. Mark all entries in this list as owned by MACB, i.e. bit 31
of word 1 set to 0.
3.
If fewer than 1024 buffers are defined, the last descriptor must be marked with the wrap
bit (bit 30 in word 1) set to 1.
4.
Write address of transmit buffer descriptor entry to MACB register transmit_buffer
queue pointer.
5.
The transmit circuits can then be enabled by writing to the network control register.
The MACB register-pair hash address and the four specific address register pairs must be
written with the required values. Each register pair comprises of a bottom register and top
register with the bottom register being written first. The address matching is disabled for a
particular register pair after the bottom-register has been written and re-enabled when the
top register is written. See the Address checking block for details of address matching. Each
register pair may be written at any time, regardless of whether the receive circuits are
enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com