Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 177 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 173Page - STMicroelectronics RM0319 Datasheet HTML 174Page - STMicroelectronics RM0319 Datasheet HTML 175Page - STMicroelectronics RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics RM0319 Datasheet HTML 179Page - STMicroelectronics RM0319 Datasheet HTML 180Page - STMicroelectronics RM0319 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 368 page
background image
RM0319
Fast Ethernet ports (RMII0/RMII1/MII1)
Doc ID 022640 Rev 3
177/368
Figure 55.
Transmit buffer list
13.6.6
Using the PHY maintenance register
The PHY maintenance register enables the MACB to communicate with a PHY by means of
the MDIO interface. It is used during auto-negotiation to ensure that the MACB and the PHY
are configured for the same speed and duplex configuration.
The PHY maintenance register is implemented as a shift register. Writing to the register
starts a shift operation which is signalled as complete when bit two is set in the network
status register (about 2000 pclk cycles later when bits ten and eleven are set to 10 in the
network configuration register). An interrupt is generated as this bit is set. During this time,
the MSB of the PHY maintenance register is output on the mdio_out pin and the LSB
updated from the mdio_in pin with each mdc cycle. This causes the transmission of a PHY
management frame on MDIO. See Section 22.2.4.5 of the IEEE 802.3 Standard.
Reading during the shift operation will return the current contents of the shift register. At the
end of the management operation the bits will have shifted back to their original locations.
For a read operation the data bits will be updated with data read from the PHY. It is
important to write the correct values to the register to ensure a valid PHY management
frame is produced. mdc should not toggle faster than 2.5 MHz (minimum period of 400 ns).
mdc is generated by dividing down pclk. Three bits in the network configuration register
determine by how much pclk should be divided to produce mdc. The default is 32 which is
acceptable for pclk running up to 80 MHz.
At the chip level mdio_out, mdio_en and mdio_in connect to a single tri-state I/O buffer
called MDIO. Alternatively MDIO may be implemented as a pull-down. In this case the
enable to the pull-down should be driven with ~mdio_out and mdio_en.
Destination Address
(In frame)
Specific Address 1
Specific Address 2
Specific Address 3
Specific Address 4
#
0
0
0
0
match 1
match 2
match 3
match 4
match hash
Hash Address Reg(MAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com