Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 168 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 164Page - STMicroelectronics RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics RM0319 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
168/368
Doc ID 022640 Rev 3
Pause frame transmission will happen immediately if transmit is inactive or if transmit is
active between the current frame and the next frame due to be transmitted. The transmitted
pause frame will comprise the items in the following list:
●
A destination address of 01-80-C2-00-00-01
●
A source address taken from the specific address 1 register
●
A type ID of 88-08 (MAC control frame)
●
A pause opcode of 00-01
●
A pause quantum
●
Fill of 00 to take the frame to minimum frame length
●
Valid FCS.
The pause quantum used in the generated frame will depend on the trigger source for the
frame as follows:
1.
If bit 11 is written with a one, the pause quantum will come from the transmit pause
quantum register. The transmit pause quantum register resets to a value of 0xFFFF
giving a maximum pause quantum as a default.
2.
If bit 12 is written with a one, the pause quantum will be zero.
3.
If the tx_pause input is toggled and the tx_pause_zero input is held low until the next
toggle, the pause quantum will come from the transmit pause quantum register.
4.
If the tx_pause input is toggled and the tx_pause_zero input is held high until the next
toggle, the pause quantum will be zero.
After transmission, no interrupts will be generated and the only statistics register that will be
incremented will be the pause frames transmitted register.
Receive block
The receive block checks for valid preamble, FCS, alignment and length, presents received
frames to the DMA block or FIFO interface and stores the frames destination address for
use by the address checking block.
If, during frame reception, the frame is found to be too long or rx_er is asserted, a bad frame
indication is sent to the DMA block. The DMA block then ceases sending data to memory,
but the FIFO interface, if present, continues sending data until the end of the frame is
reached when it asserts rx_w_err with rx_w_eop.
At the end of frame reception the receive block indicates to the DMA block whether the
frame is good or bad. The DMA block recovers the current receive buffer if the frame was
bad.
The receive block signals the register block to increment the alignment error, the CRC (FCS)
error, the short frame, long frame, jabber error, the receive symbol error statistics and the
length field mismatch statistics.
The enable bit for jumbo frames in the network configuration register allows the MACB to
receive jumbo frames of up to 10,240 bytes in size. This operation does not form part of the
IEEE 802.3 specification and is disabled by default. When jumbo frames are enabled,
frames received with a frame size greater than 10,240 bytes are discarded.
Address checking block
The address checking (or filter) block indicates to the DMA block which receive frames
should be copied to memory. The DMA block only copies frames that are addressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com