Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 169 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics RM0319 Datasheet HTML 171Page - STMicroelectronics RM0319 Datasheet HTML 172Page - STMicroelectronics RM0319 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 368 page
background image
RM0319
Fast Ethernet ports (RMII0/RMII1/MII1)
Doc ID 022640 Rev 3
169/368
recognized to memory. The FIFO interface outputs all frames and asserts rx_w_err with
rx_w_eop if the frame is not addressed matched to indicate that the frame should be
discarded.
Whether a frame is copied depends on what is enabled in the network configuration register,
the state of the external match pin, the contents of the specific address and hash registers
and the frame's destination address. In this implementation of the MACB, the frame's source
address is not checked. Provided that bit 18 of the network configuration register is not set,
a frame will not be copied to memory if the MACB is transmitting in half duplex mode at the
time a destination address is received. If bit 18 of the network configuration register is set,
frames can be received while transmitting in half-duplex mode.
Ethernet frames are transmitted a byte at a time least significant bit first. The first six bytes
(48 bits) of an Ethernet frame make up the destination address. The first bit of the
destination address, the LSB of the first byte of the frame, is the group/individual bit: this is
One for multicast addresses and Zero for unicast. The All Ones address is the broadcast
address, and a special case of multicast.
This implementation of the MACB supports recognition of four specific addresses. Each
specific address requires two registers, specific address register bottom and specific
address register top. Specific address register bottom stores the first four bytes of the
destination address and specific address register top contains the last two bytes. The
addresses stored can be specific, group, local or universal.
The destination address of received frames is compared against the data stored in the
specific address registers once they have been activated. The addresses are deactivated at
reset or when their corresponding specific address register bottom is written. They are
activated when specific address register top is written. If a receive frame address matches
an active address, the frame is copied to memory.
The following example illustrates the use of the address match registers for a MAC address
of 21:43:65:87:A9:CB.
Table 57.
Address match register
Preamble
55
SFD
D5
DA(Octet0 - LSB)
21
DA(Octet 1)
43
DA (Octet 2)
65
DA (Octet 3)
87
DA (Octet 4)
A9
DA(Octet5 - MSB)
CB
SA (LSB)
00
SA
00
SA
00
SA
00
SA
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com