Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 166 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 162Page - STMicroelectronics RM0319 Datasheet HTML 163Page - STMicroelectronics RM0319 Datasheet HTML 164Page - STMicroelectronics RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics RM0319 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 368 page
background image
Fast Ethernet ports (RMII0/RMII1/MII1)
RM0319
166/368
Doc ID 022640 Rev 3
Transmit block
This block transmits frames in accordance with the Ethernet IEEE 802.3 CSMA/CD
protocol.
Frame assembly starts by adding preamble and the start frame delimiter. Data is taken from
the transmit FIFO a word at a time. Data is transmitted least significant nibble first. If bit rate
is selected, the data is serialized and transmitted least significant bit first.
If necessary, padding is added to take the frame length to 60 bytes. CRC is calculated as a
32 bit polynomial. This is inverted and appended to the end of the frame taking the frame
length to a minimum of 64 bytes. If the No CRC bit is set in the second word of the last buffer
descriptor of a transmit frame neither pad nor CRC are appended.
In full duplex mode frames are transmitted immediately. Back to back frames are transmitted
at least 96 bit times apart to guarantee the interframe gap.
In half duplex mode, the transmitter checks carrier sense. If asserted, it waits for it to
deassert and then starts transmission after the interframe gap of 96 bit times. If the collision
signal is asserted during transmission, the transmitter will transmit a jam sequence of 32
bits taken from the data register and then retry transmission after the back off time has
elapsed.
The back off time is based on an XOR of the 10 least significant bits of the data coming from
the transmit FIFO and a 10 bit pseudo random number generator. The number of bits used
depends on the number of collisions seen. After the first collision 1 bit is used, the second 2,
and so on up to 10. Above 10, all 10 bits are used. An error will be indicated and no further
attempts will be made if 16 attempts cause collisions. This complies with the description in
Clause 4.2.3.2.5 of the IEEE 802.3 standard of the truncated binary exponential back off
algorithm.
If transmit DMA underruns or tx_r_err is asserted on the FIFO interface, bad CRC is
automatically appended using the same mechanism as jam insertion and the tx_er signal is
asserted. For a properly configured system this should never happen.
If the back pressure bit is set in the network control register in half duplex mode, the transmit
block transmits 64 bits of data, which can consist of 16 nibbles of 1011 or in bit rate mode 64
1s, whenever it sees an incoming frame to force a collision. This provides a way of
implementing flow control in half duplex mode.
[26:17]
Reserved
[16]
No CRC - when set no CRC will be appended to the current frame. This bit only
needs to be set for the last buffer of a frame.
[15]
Last buffer - when set this bit will indicate the last buffer in the current frame has been
reached
[14:11]
Reserved
[10:00]
Length of buffer
Table 55.
Transmit buffer descriptor entry
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com