Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 188 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 184Page - STMicroelectronics RM0319 Datasheet HTML 185Page - STMicroelectronics RM0319 Datasheet HTML 186Page - STMicroelectronics RM0319 Datasheet HTML 187Page - STMicroelectronics RM0319 Datasheet HTML 188Page - STMicroelectronics RM0319 Datasheet HTML 189Page - STMicroelectronics RM0319 Datasheet HTML 190Page - STMicroelectronics RM0319 Datasheet HTML 191Page - STMicroelectronics RM0319 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 368 page
background image
MMC-SD card/SDIO controller
RM0319
188/368
Doc ID 022640 Rev 3
1.
Set the value to Block Size register.
2.
Set the value to Block Count register.
3.
Set the argument value to Argument register.
4.
Set the value to the Transfer Mode register. The host driver determines Multi/Single
Block Select, Block Count Enable, Data Transfer Direction, Auto CMD12 Enable and
DMA Enable.
5.
Set the value to Command register.
6.
Wait for the Command Complete Interrupt.
7.
Write logic ‘1’ to the Command Complete in the Normal Interrupt Status register for
clearing this bit.
8.
Read Response register and get necessary information of the issued command.
9.
In the case where this sequence is for write to a card, go to step (10). In case it is for
read from a card, go to step (14).
10. Wait for Buffer Write Ready Interrupt.
11. Write logic ‘1’ to the Buffer Write Ready in the Normal Interrupt Status register for
clearing this bit.
12. Write block data to Buffer Data Port register.
13. Repeat until all blocks are sent and then go to step (18).
14. Wait for the Buffer Read Ready Interrupt.
15. Write logic ‘1’ to the Buffer Read Ready in the Normal Interrupt Status register for
clearing this bit.
16. Read block data from the Buffer Data Port register.
17. Repeat until all blocks are received and then go to step (18).
18. If this sequence is for Single or Multiple Block Transfer, go to step (19). In case of
Infinite Block Transfer, go to step (21).
19. Wait for Transfer Complete Interrupt.
20. Write logic ‘1’ to the Transfer Complete in the Normal Interrupt Status register for
clearing this bit.
21. Perform the sequence for Abort Transaction
14.5.6
Transferring data with SDMA
Note:
When using DMA transfer care must be taken to ensure the system memory addresses are
not protected by the MMU, and that cache coherency with the CPU core is managed by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com