Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 191 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 187Page - STMicroelectronics RM0319 Datasheet HTML 188Page - STMicroelectronics RM0319 Datasheet HTML 189Page - STMicroelectronics RM0319 Datasheet HTML 190Page - STMicroelectronics RM0319 Datasheet HTML 191Page - STMicroelectronics RM0319 Datasheet HTML 192Page - STMicroelectronics RM0319 Datasheet HTML 193Page - STMicroelectronics RM0319 Datasheet HTML 194Page - STMicroelectronics RM0319 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 368 page
background image
RM0319
MMC-SD card/SDIO controller
Doc ID 022640 Rev 3
191/368
1.
Create Descriptor table for ADMA in the system memory
2.
Set the Descriptor address for ADMA in the ADMA System Address register.
3.
Set the value corresponding to the Block Size register.
4.
Set the value corresponding to the Block Count register. If the Block Count Enable in
the Transfer Mode register is set to logic ‘1’, the total data length can be designated by
the Block Count register and the Descriptor Table. These two parameters must indicate
the same data length. However, the transfer length is limited by the 16-bit Block Count
register. If the Block Count Enable in the Transfer Mode register is set to logic ‘0’, the
total data length is designated not by the Block Count register, but by the Descriptor
Table. In this case, ADMA reads more data than the length programmed in the
descriptor from the SD card. The read operation of extra data is aborted
asynchronously and the extra read data is discarded when the ADMA is completed.
5.
Set the argument value to the Argument register.
6.
Set the value to the Transfer Mode register. The host driver determines Multi/Single
Block Select, Block Count Enable, Data Transfer Direction, Auto CMD12 Enable and
DMA Enable.
7.
Set the value to the Command register.
8.
Wait for the Command Complete Interrupt.
9.
Write logic ‘1’ to the Command Complete in the Normal Interrupt Status register to
clear this bit.
10. Read the Response register and get necessary information about the issued
command.
11. Wait for the Transfer Complete Interrupt and ADMA Error Interrupt.
12. If Transfer Complete is set to logic ‘1’, go to Step (13), else if ADMA Error Interrupt is
set to logic ‘1’, so go to Step (14).
13. Write logic ‘1’ to the Transfer Complete Status in the Normal Interrupt Status register to
clear this bit.
14. Write logic ‘1’ to the ADMA Error Interrupt Status in the Error Interrupt Status register to
clear this bit.
15. Abort ADMA operation. SD card operation should be stopped by issuing abort
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com