Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 195 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 191Page - STMicroelectronics RM0319 Datasheet HTML 192Page - STMicroelectronics RM0319 Datasheet HTML 193Page - STMicroelectronics RM0319 Datasheet HTML 194Page - STMicroelectronics RM0319 Datasheet HTML 195Page - STMicroelectronics RM0319 Datasheet HTML 196Page - STMicroelectronics RM0319 Datasheet HTML 197Page - STMicroelectronics RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 368 page
background image
RM0319
Controller area network ports (CAN)
Doc ID 022640 Rev 3
195/368
Figure 67.
Data transfer between IFx registers and message RAM
After the partial write of a message object, that Message Buffer registers that are not
selected in the Command Mask register will set to the actual contents of the selected
message object.
After the partial read of a message object, those Message Buffer registers that are not
selected in the Command Mask register will be left unchanged.
Transmission of messages
If the shift register of the CAN core cell is ready for loading and there is no data transfer
between the IFx registers and the message RAM, the MsgVal bits in the Message Valid
register and the TxRqst bits in the Transmission Request register are evaluated. The valid
message object with the highest priority pending transmission request is loaded into the
Shift register by the message handler and the transmission is started. The message object
NewDat bit is reset.
After a successful transmission and if no new data has been written to the message object
(NewDat = ‘0’) since the start of the transmission, the TxRqst bit resets. If TxIE is set, IntPnd
Start
Write Command Request Register
Busy = 1
CAN_WAIT_B = 0
WR/RD = 1
Read Message Object to IFx
Write IFx to Message RAM
Read Message Object to IFx
Busy = 0
CAN_WAIT_B = 1
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com