Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 199 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 195Page - STMicroelectronics RM0319 Datasheet HTML 196Page - STMicroelectronics RM0319 Datasheet HTML 197Page - STMicroelectronics RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics RM0319 Datasheet HTML 200Page - STMicroelectronics RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics RM0319 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 368 page
background image
RM0319
Controller area network ports (CAN)
Doc ID 022640 Rev 3
199/368
Figure 68.
CAN core in silent mode
In ISO 11898-1, the silent mode is called bus monitoring mode.
15.4.6
Using the loop back mode
The CAN core can be set in loop back mode by programming the LBack bit of Test register
to one. In loop back mode, the CAN core treats its own transmitted messages as received
messages and stores them (if they pass acceptance filtering) into a receive buffer. The
following figure shows the connection of signals CAN_TX and CAN_RX to the CAN core in
loop back mode.
Figure 69.
CAN Core in loop back mode
This mode is provided for self-test functions. To be independent from external stimulation,
the CAN core ignores acknowledge errors (recessive bit sampled in the acknowledge slot of
a data / remote frame) in loop back mode. In this mode, the CAN core performs an internal
Tx
Rx
CAN Core
C_CAN
CAN_TX
CAN_RX
=1
Tx
Rx
CAN Core
C_CAN
CAN_TX
CAN_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com