Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 200 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 196Page - STMicroelectronics RM0319 Datasheet HTML 197Page - STMicroelectronics RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics RM0319 Datasheet HTML 200Page - STMicroelectronics RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics RM0319 Datasheet HTML 203Page - STMicroelectronics RM0319 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 368 page
background image
Controller area network ports (CAN)
RM0319
200/368
Doc ID 022640 Rev 3
feedback from its Tx output to its Rx input. The actual value of the CAN_RX input pin is
disregarded by the CAN core. The transmitted messages can be monitored at the CAN_TX
pin.
15.4.7
Using the loop back mode combined with silent mode
It is also possible to combine loop back mode and silent mode by programming LBack and
Silent bits to one at the same time. This mode can be used for a “Hot Selftest”, which means
that the CAN can be tested without affecting a running CAN system connected to the pins
CAN_TX and CAN_RX. In this mode, the CAN _RX pin is disconnected from the CAN core
and the CAN_TX pin is held rescessive. The following figure shows the connection of
signals CAN_TX and CAN_RX to the CAN core in case of the combination of loop back
mode with silent mode.
Figure 70.
CAN core in loop back combined with silent mode
15.4.8
Managing message objects
Figure 71.
Message identifier formats
Tx
Rx
CAN Core
C_CAN
CAN_TX
CAN_RX
=1
Bus
idle
DLC
Arbitration field
Control field
Bus
idle
11-bit Identifier
Arbitration field
Control field
18-bit Identifier
11-bit Identifier
DLC
Standard format: 11-bit message identifier
Extended format: 29-bit message identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com