Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 202 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics RM0319 Datasheet HTML 200Page - STMicroelectronics RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics RM0319 Datasheet HTML 203Page - STMicroelectronics RM0319 Datasheet HTML 204Page - STMicroelectronics RM0319 Datasheet HTML 205Page - STMicroelectronics RM0319 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 368 page
background image
Controller area network ports (CAN)
RM0319
202/368
Doc ID 022640 Rev 3
If the RmtEn bit is set, a matching received remote frame will cause the TxRqst bit to be set;
the remote frame will autonomously be answered by a data frame.
The Data registers (DLC3-0, Data0-7) are given by the application, TxRqst and RmtEn may
not be set before the data is valid.
The Mask registers (Msk28-0, UMask, MXtd and MDir bits) may be used (UMask=’1’) to
allow groups of remote frames with similar identifiers to set the TxRqst bit. For details, see
Receive/Transmit Priority. The Dir bit should not be masked.
15.4.10
Updating a transmit object
The CPU may update the data bytes of a Transmit Object any time via the IFx Interface
registers, neither MsgVal nor TxRqst have to be reset before the update.
Even if only a part of the data bytes are to be updated, all four bytes of the corresponding
IFx Data A register or IFx Data B register have to be valid before the content of that register
is transferred to the message object. Either the CPU has to write all four bytes into the IFx
Data register or the message object is transferred to the IFx Data register before the CPU
writes the new data bytes.
When only the (eight) data bytes are updated, first 0x0087 is written to the Command Mask
register and then the number of the message object is written to the Command Request
register, concurrently updating the data bytes and setting TxRqst.
To prevent the reset of TxRqst at the end of a transmission that may already be in progress
while the data is updated, NewDat has to be set together with TxRqst. For details, see
Transmission of messages.
When NewDat is set together with TxRqst, NewDat will be reset as soon as the new
transmission has started.
15.4.11
Configuring a receive object
Table 60 shows how a transmit object should be initialized.
Table 60.
Initialization of a receive object
The Arbitration registers (ID28-0 and Xtd bit) are given by the application. They define the
identifier and type of accepted received messages. If an 11-bit Identifier (“Standard Frame”)
is used, it is programmed to ID28 - ID18. ID17 - ID0 can then be disregarded. When a Data
Frame with an 11-bit Identifier is received, ID17 - ID0 will be set to ‘0’.
If the RxIE bit is set, the IntPnd bit will be set when a received Data Frame is accepted and
stored in the message object.
The data length code (DLC3-0) is given by the application. When the message handler
stores a data frame in the message object, it will store the received data length code and
eight data bytes. If the data length code is less than 8, the remaining bytes of the message
object will be overwritten by non specified values.
MsgVal
Arb
Data
Mask
EoB
Dir
NewDat
MsgLst
RxIE
TxIE
IntPnd
RmtEn
TxRqst
1
appl.
appl.
appl.
1
0
0
0
appl.
0
0
0.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com