Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 204 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 200Page - STMicroelectronics RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics RM0319 Datasheet HTML 203Page - STMicroelectronics RM0319 Datasheet HTML 204Page - STMicroelectronics RM0319 Datasheet HTML 205Page - STMicroelectronics RM0319 Datasheet HTML 206Page - STMicroelectronics RM0319 Datasheet HTML 207Page - STMicroelectronics RM0319 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 368 page
background image
Controller area network ports (CAN)
RM0319
204/368
Doc ID 022640 Rev 3
15.4.13
Configuring a receive object
Table 61 shows how a receive object should be initialized.
Table 61.
Initialization of a receive object
The Arbitration registers (ID28-0 and Xtd bit) are given by the application. They define the
identifier and type of accepted received messages. If an 11-bit Identifier (“Standard Frame”)
is used, it is programmed to ID28 - ID18. ID17 - ID0 can then be disregarded. When a data
frame with an 11-bit Identifier is received, ID17 - ID0 will be set to ‘0’.
If the RxIE bit is set, the IntPnd bit will be set when a received data frame is accepted and
stored in the message object.
The data length code (DLC3-0) is given by the application. When the message handler
stores a data frame in the message object, it will store the received data length code and
eight data bytes. If the data length code is less than 8, the remaining bytes of the message
object will be overwritten by non specified values.
The Mask registers (Msk28-0, UMask, MXtd, and MDir bits) may be used (UMask=’1’) to
allow groups of data frames with similar identifiers to be accepted. For details, see
Reception of data frame. The Dir bit should not be masked in typical applications.
15.4.14
Handling received messages
The CPU may read a received message any time via the IFx Interface registers, the data
consistency is guaranteed by the message handler state machine.
Typically, the CPU will write first 0x007F to the Command Mask register and then the
number of the message object to the Command Request register. That combination will
transfer the whole received message from the message RAM into the message buffer
register. Additionally, the bits NewDat and IntPnd are cleared in the message RAM (not in
the message buffer).
If the message object uses masks for acceptance filtering, the arbitration bits show which of
the matching messages has been received.
The actual value of NewDat shows whether a new message has been received since last
time this message object was read. The actual value of MsgLst shows whether more than
one message has been received since last time this message object was read. MsgLst will
not be automatically reset.
By means of a remote frame, the CPU may request another CAN node to provide new data
for a receive object. Setting the TxRqst bit of a receive object will cause the transmission of
a remote frame with the identifier of the receive object. this remote frame triggers the other
CAN node to start the transmission of the matching data frame. if the matching data frame is
received before the remote frame could be transmitted, the TxRqst bit is automatically reset.
MsgVal
Arb
Data
Mask
EoB
Dir
NewDat
MsgLst
RxIE
TxIE
IntPnd
RmtEn
TxRqst
1
appl.
appl.
appl.
1
1
0
0
0
appl.
0
appl.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com