Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 201 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 197Page - STMicroelectronics RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics RM0319 Datasheet HTML 200Page - STMicroelectronics RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics RM0319 Datasheet HTML 203Page - STMicroelectronics RM0319 Datasheet HTML 204Page - STMicroelectronics RM0319 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 368 page
background image
RM0319
Controller area network ports (CAN)
Doc ID 022640 Rev 3
201/368
Figure 72.
Data frame format
The configuration of the message objects in the message RAM (with the exception of the
bits MsgVal, NewDat, IntPnd and TxRqst) will not be affected by resetting the chip. All the
message objects must be initialized by the CPU or they must be “not valid” (MsgVal =’0’),
and the bit timing must be configured before the CPU clears the Init bit in the CAN Control
register.
The configuration of a message object is done by programming the mask, arbitration,
control and data fields of one of the two interface register sets to the desired values. By
writing to the corresponding IFx Command Request register, the IFx Message Buffer
registers are loaded into the addressed message object in the message RAM.
When the Init bit in the CAN Control register is cleared, the CAN Protocol Controller state
machine of the CAN Core and the message handler state machine control the CAN internal
data flow. Received messages that pass the acceptance filtering are stored into the
Message RAM, messages with pending transmission request are loaded into the CAN core
Shift register and are transmitted via the CAN bus.
The CPU reads received messages and updates messages to be transmitted via the IFx
Interface registers. Depending on the configuration, the CPU is interrupted on certain CAN
message and CAN error events.
15.4.9
Configuring a transmit object
Table 59 shows how a Transmit Object should be initialized.
The Arbitration registers (ID28-0 and Xtd bit) are given by the application. They define the
identifier and type of the outgoing message. If an 11-bit Identifier (“Standard Frame”) is
used, it is programmed to ID28-ID18. ID17-ID0 can then be disregarded.
If the TxIE bit is set, the IntPnd bit will be set after a successful transmission of the message
object.
Bus
idle
Message
identifier
Start of frame
Arbitration field
Control
field
CRC
seq.
Data field
EOF
Bus
idle
Remote
transmission
request
Delimiter bits
Intermission field
CRC sequence
111
1
0…..64
15
1
1
1
7
3
CRC field
Bit stuffing
End of
frame field
Acknowledgement
field
CAN data frame
Table 59.
Initialization of a transmit object
MsgVal
Arb
Data
Mask
EoB
Dir
NewDat
MsgLst
RxIE
TxIE
IntPnd
RmtEn
TxRqst
1
appl.
appl.
appl.
1
1
0
0
0
appl.
0
appl.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com