Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 198 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 194Page - STMicroelectronics RM0319 Datasheet HTML 195Page - STMicroelectronics RM0319 Datasheet HTML 196Page - STMicroelectronics RM0319 Datasheet HTML 197Page - STMicroelectronics RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics RM0319 Datasheet HTML 200Page - STMicroelectronics RM0319 Datasheet HTML 201Page - STMicroelectronics RM0319 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 368 page
background image
Controller area network ports (CAN)
RM0319
198/368
Doc ID 022640 Rev 3
several transmit messages are assigned to the same Message object (when the number of
message object is not sufficient), the whole message object has to be configured before the
transmission of this message is requested.
The transmission of any number of message objects may be requested at the same time,
they are transmitted subsequently according to their internal priority. Messages may be
updated or set to not valid any time, even when their requested transmission is still pending.
The old data will be discarded when a message is updated before its pending transmission
has started.
Depending on the configuration of the message object, the transmission of a message may
be requested autonomously by the reception of a remote frame with a matching identifier.
15.4.3
Using the disabled automatic retransmission mode
According to the CAN Specification (see ISO11898, Recovery Management section), the
CAN controller provides means for automatic retransmission of frames that have lost
artbitration or that have been disturbed by errors during transmission. The frame
transmission service will not be confirmed to the user before the transmission is
successfully completed. By default, the means for automatic retransmission is enabled. It
can be disabled in order to allow CAN to work within a time triggered CAN environment
(TTCAN, see ISO11898-1).
The disabled automatic retransmission mode is enabled by programming the DAR bit in the
CAN Control register to one. In this operation mode, the programmer has to consider the
different behaviour of TxRqst and NewDat bits in the control register of the message buffers:
●
When a transmission starts, the TxRqst bit of the respective message buffer is reset,
while the NewDat bit remains set.
●
When the transmission completed successfully, the NewDat bit is reset.
When a transmission has failed (lost arbitration or error), the NewDat bit remains set. To
restart the transmission, the CPU has to set TxRqst back to one.
15.4.4
Using the test mode
To enter the test mode, the Test bit of the CAN Control register should be set to one. In test
mode, the bits Tx1, Tx0, LBack, Silent and Basic in the test register are writable. Bit Rx
monitors the state of CAN_RX pin and therefore is only readable. All test register functions
are disabled when the Test bit is reset to zero.
15.4.5
Using the silent mode
The CAN core can be set in silent mode by programming the Silent bit of Test register to
one. In silent mode, the CAN is able to receive valid data frames and valid remote frames,
but it sends only recessive bits on the CAN bus and it cannot start a transmission. If the
CAN Core is required to send a dominant bit (ACK bit, overload flag, active error flag), the bit
is rerouted internally so that the CAN core monitors the dominant bit, although the CAN bus
may remain in recessive state. The silent mode can be used to analyse the traffic on a CAN
bus without affecting it by the transmission of dominant bits (Acknowledge Bits, Error
Frames). The following figure shows the connection of signals CAN_TX and CAN_RX to the
CAN core in silent mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com