Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 193 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 189Page - STMicroelectronics RM0319 Datasheet HTML 190Page - STMicroelectronics RM0319 Datasheet HTML 191Page - STMicroelectronics RM0319 Datasheet HTML 192Page - STMicroelectronics RM0319 Datasheet HTML 193Page - STMicroelectronics RM0319 Datasheet HTML 194Page - STMicroelectronics RM0319 Datasheet HTML 195Page - STMicroelectronics RM0319 Datasheet HTML 196Page - STMicroelectronics RM0319 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 368 page
background image
RM0319
Controller area network ports (CAN)
Doc ID 022640 Rev 3
193/368
15
Controller area network ports (CAN)
This chapter focuses on CAN functionality and operation.
For technical details about the programmable registers related to the CAN, refer to the CAN
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
15.1
Overview
SPEAr320S provides two independent CAN Controllers that have an AMBA compatible
interface and conform to CAN protocol version 2.0 (both part A and B).
15.2
Main features
●
Supports CAN protocol version 2.0 part A and B
●
Bit rates up to 1 MBit/s
●
32 message objects(136x32 message RAM)
●
Each message object has its own identifier mask
●
Maskable interrupt (level sensitive, edge sensitive)
●
Programmable loop-back mode for self-test operation
●
Disabled automatic retransmission mode for time triggered CAN applications
●
Interfaces to the AMBA APB bus from ARM
15.3
Functional description
Figure 66.
CAN controller block diagram
The CAN core performs communication according to the CAN protocol version 2.0, part A
and B. The bit rate can be programmed to values up to 1MBit/s depending on the used
technology. For the connection to the physical layer, additional transceiver hardware is
TX
RX
CAN
APB
Interface
Module
Interface
Registers
Message
RAM
CAN
CORE
Message Handler
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com