Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 189 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 185Page - STMicroelectronics RM0319 Datasheet HTML 186Page - STMicroelectronics RM0319 Datasheet HTML 187Page - STMicroelectronics RM0319 Datasheet HTML 188Page - STMicroelectronics RM0319 Datasheet HTML 189Page - STMicroelectronics RM0319 Datasheet HTML 190Page - STMicroelectronics RM0319 Datasheet HTML 191Page - STMicroelectronics RM0319 Datasheet HTML 192Page - STMicroelectronics RM0319 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 368 page
background image
RM0319
MMC-SD card/SDIO controller
Doc ID 022640 Rev 3
189/368
Figure 63.
Data transaction sequence with SDMA
1.
Set the SDMA System Address register which contains the system memory address.
2.
Set the value to the Block Size register.
3.
Set the value to the Block Count register.
4.
Set the argument value to the Argument register.
5.
Set the value to the Transfer Mode register. The host driver determines Multi/Single
Block Select, Block Count Enable, Data Transfer Direction, Auto CMD12 Enable and
DMA Enable.
6.
Set the value to the Command register.
7.
Then wait for the Command Complete Interrupt.
8.
Write logic ‘1’ to the Command Complete in the Normal Interrupt Status register to
clear bit.
Start
End
(1)
(2)
(3)
(4)
(6)
(7)
(9)
(13)
(5)
(8)
(10)
(11)
(12)
(14)
Set System Address Reg
Set Block Size Reg
Set Block Count Reg
Set Argument Reg
Set Transfer Mode Reg
Set Command Mode Reg
Wait for
Command Complete Int
Command
Complete Int occur
Clr Command Complete Status
Get Response Data
Wait for
Transfer Complete Int
and DMA Int
Transfer
Complete Int
occur
Check Interrupt
Status
DMA Int occur
Clr DMA Interrupt Status
Set System Address Reg
Clr Transfer Complete Status
Clr DMA Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com