Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 279 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 279 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 275Page - STMicroelectronics RM0319 Datasheet HTML 276Page - STMicroelectronics RM0319 Datasheet HTML 277Page - STMicroelectronics RM0319 Datasheet HTML 278Page - STMicroelectronics RM0319 Datasheet HTML 279Page - STMicroelectronics RM0319 Datasheet HTML 280Page - STMicroelectronics RM0319 Datasheet HTML 281Page - STMicroelectronics RM0319 Datasheet HTML 282Page - STMicroelectronics RM0319 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 368 page
background image
RM0319
LCD display controller (CLCD)
Doc ID 022640 Rev 3
279/368
The palette RAM is a dual port RAM with independent controls and addresses for each port.
Port1 is used as a read/write port and is connected to the AMBA AHB slave interface. The
palette entries can be written and verified through this port. Port2 is used as a read-only port
and is connected to the unpacker and gray scaler.
Table 85 shows the bit representation of each word in the palette.
For mono STN mode only the red palette field bits [4:1] are used. However, in STN color
mode, the green and blue [4:1] are also used.
The red and blue pixel data can be swapped to support BGR data format using a control
register bit.
In 16 and 24 bpp TFT mode, the palette is bypassed and the output of the pixel serializer is
used as the TFT panel data.
24.4.6
Gray scaler
A patented gray scale algorithm drives mono and color STN panels. This provides 15 gray
scales for mono displays. In the case of STN color displays, the three color components
(red, green, and blue) are gray scaled simultaneously which results in 3 375 (15x15x15)
colors being available. The gray scaler transforms each 4 bit gray value into a sequence of
activity-per-pixel over several frames, relying to some degree on the display characteristics,
to give the representation of gray scales and color.
24.4.7
Upper and lower panel formatters
Each formatter consists of three 3-bit (red, green, and blue) shift left registers. Red, green
and blue pixel data bit values from the gray scaler are concurrently shifted into the
respective registers. When enough data is available, a byte is constructed by multiplexing
the registered data to the correct bit position to satisfy the RGB data pattern of LCD panel.
The byte is transferred to the three-byte FIFO which has enough space to store eight color
pixels.
Table 85.
Palette data storage
Bit
Name
Description
[31]
I
Intensity/unused
[30:26]
B[4:0]
Blue palette data
[25:21]
G[4:0]
Green palette data
[20:16]
R[4:0]
Red palette data
[15]
I
Intensity/unused
[14:10]
B[4:0]
Blue palette data
[09:05]
G[4:0]
Green palette data
[04:00]
R[4:0]
Red palette data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com