Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 278 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 278 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 274Page - STMicroelectronics RM0319 Datasheet HTML 275Page - STMicroelectronics RM0319 Datasheet HTML 276Page - STMicroelectronics RM0319 Datasheet HTML 277Page - STMicroelectronics RM0319 Datasheet HTML 278Page - STMicroelectronics RM0319 Datasheet HTML 279Page - STMicroelectronics RM0319 Datasheet HTML 280Page - STMicroelectronics RM0319 Datasheet HTML 281Page - STMicroelectronics RM0319 Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 368 page
background image
LCD display controller (CLCD)
RM0319
278/368
Doc ID 022640 Rev 3
24.4.5
RAM palette
The RAM-based palette is a 256 x 16-bit dual-port RAM physically structured as
128 x 32 bit. This allows two entries to be written into the palette from a single word write
access. The least significant bit of the serialized pixel data is used to select between upper
and lower halves of the palette RAM. Which half is selected depends on the bytes ordering
mode. In little-endian mode, the LSB being set selects the upper half, but in big-endian, the
lower half of the palette is selected. WinCE byte ordering is little-endian, so the former case
applies.
Pixel data values can be written and verified through the AMBA AHB slave interface.
For information on the numbers of colors supported, refer to Section 24.2: Main features.
[24]
0
p1 - Green3
p1 - Blue0
[23]
p0 - Blue7
p1 - Green2
p1 - Green3
[22]
p0 - Blue6
p1 - Green1
p1 - Green2
[21]
p0 - Blue5
p1 - Green0
p1 - Green1
[20]
p0 - Blue4
p1 - Red4
p1 - Green0
[19]
p0 - Blue3
p1 - Red3
p1 - Red3
[18]
p0 - Blue2
p1 - Red2
p1 - Red2
[17]
p0 - Blue1
p1 - Red1
p1 - Red1
[16]
p0 - Blue0
p1 - Red0
p1 - Red0
[15]
p0 - Green7
p0- Intensity bit
0
[14]
p0 - Green6
p0 - Blue4
0
[13]
p0 - Green5
p0 - Blue3
0
[12]
p0 - Green4
p0 - Blue2
0
[11]
p0 - Green3
p0 - Blue1
p0 - Blue3
[10]
p0 - Green2
p0 - Blue0
p0 - Blue2
[09]
p0 - Green1
p0 - Green4
p0 - Blue1
[08]
p0 - Green0
p0 - Green3
p0 - Blue0
[07]
p0 - Red7
p0 - Green2
p0 - Green3
[06]
p0 - Red6
p0 - Green1
p0 - Green2
[05]
p0 - Red5
p0 - Green0
p0 - Green1
[04]
p0 - Red4
p0 - Red4
p0 - Green0
[03]
p0 - Red3
p0 - Red3
p0 - Red3
[02]
p0 - Red2
p0 - Red2
p0 - Red2
[01]
p0 - Red1
p0 - Red1
p0 - Red1
[00]
p0 - Red0
p0 - Red0
p0 - Red0
Table 84.
RGB mode data format (continued)
DMA FIFO output bit
24-bit RGB
16-bit 1:5:5:5 RGB
16-bit 4:4:4 RGB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com