Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 274 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 274 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 270Page - STMicroelectronics RM0319 Datasheet HTML 271Page - STMicroelectronics RM0319 Datasheet HTML 272Page - STMicroelectronics RM0319 Datasheet HTML 273Page - STMicroelectronics RM0319 Datasheet HTML 274Page - STMicroelectronics RM0319 Datasheet HTML 275Page - STMicroelectronics RM0319 Datasheet HTML 276Page - STMicroelectronics RM0319 Datasheet HTML 277Page - STMicroelectronics RM0319 Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 368 page
background image
LCD display controller (CLCD)
RM0319
274/368
Doc ID 022640 Rev 3
24.4
Functional description
Figure 96 shows the block diagram of CLCD.
Figure 96.
CLCD block diagram
24.4.1
AHB slave interface
The AMBA AHB slave interface connects the CLCD to the AMBA AHB bus and provides
CPU accesses to the registers and palette RAM. For more information on AMBA AHB slave
interfaces, refer to the AMBA specification (Rev 2.0).
The following features are supported by the CLCD AMBA AHB slave interface:
●
Standard write and read AMBA AHB accesses
●
INCR4, INCR8, and undefined length WORD bursts only
●
OKAY response only.
24.4.2
AHB master interface
The AMBA AHB master interface transfers display data from a memory to the CLCD DMA
FIFOs.
The inherent AMBA AHB master interface state machine performs the following functions:
●
Loads the upper panel base address into the AMBA AHB address incrementor on
recognition of a new frame.
●
Monitors both the upper and lower DMA FIFO levels and asserts HBUSREQM to
request display data from memory, filling them to above the programmed water mark.
AHB
Master
Interface
Upper
Panel
DMA FIFO
Input
FIFO
Control
Lower
Panel
DMA FIFO
Pixel
Serializer
Palette
(128x32)
Gray
Scaler
Upper
Panel
Output FIFO
Upper
Panel
Formatter
Lower
Panel
Formatter
Lower
Panel
Output FIFO
STN/
TFT
data
select
AHB
Slave
Interfac
e
Control
And
Status
Register
Panel
Clock
generator
Timing
Controller
Interrupt
generation
Interrupts
FIFO Underflow
AHB
errors
AHB
BUS
LCD
panel
clock
LCD
panel
control
LCD
panel
data
TFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com