Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 271 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics RM0319 Datasheet HTML 269Page - STMicroelectronics RM0319 Datasheet HTML 270Page - STMicroelectronics RM0319 Datasheet HTML 271Page - STMicroelectronics RM0319 Datasheet HTML 272Page - STMicroelectronics RM0319 Datasheet HTML 273Page - STMicroelectronics RM0319 Datasheet HTML 274Page - STMicroelectronics RM0319 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 368 page
background image
RM0319
LCD display controller (CLCD)
Doc ID 022640 Rev 3
271/368
Number of colors supported for mono STN panels are:
●
1 bpp, palettized, 2 gray scales selected from 15
●
2 bpp, palettized, 4 gray scales selected from 15
●
4 bpp, palettized, 16 gray scales selected from 15
You can program greater than four bpp for mono panels but using these modes does not
make sense because the maximum number of gray scales supported on the display is 15.
24.3
Pins
The CLCD directly interfaces with the signals summarized in Table 75.
Table 75.
CLCD signal interface
The CLLP, CLAC, CLFP, CLCP and CLLE signals are common, but the CLD[23:0] bus has
eight modes of operation:
●
TFT 24-bit interface
●
TFT 18-bit interface
●
color STN single panel
●
color STN dual panel
●
4-bit mono STN single panel
●
4-bit mono STN dual panel
●
8-bit mono STN single panel
●
8-bit mono STN dual panel
Group
Signal name
Direction
Size
(bit)
Description
External
(to chip pads)
CLAC
Output
1
STN AC bias drive or TFT data enable
output
CLCP
Output
1
LCD panel clock
CLD[23:0]
Output
24
LCD panel data
CLFP
Output
1
Frame pulse (STN)/vertical synchronization
pulse (TFT)
CLLE
Output
1
Line end signal
CLLP
Output
1
Line synchronization pulse (STN)/horizontal
synchronization pulse (TFT)
CLPOWER
Output
1
LCD panel power enable
Control signal
CLCD_INTR
Output
1
Combined OR version CLCD interrupt
requests, to interrupt controller.
AHB slave
-
Input/Output -
See AMBA specification.
AHB master
-
Input/Output -
See AMBA specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com