Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 268 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 268 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics RM0319 Datasheet HTML 269Page - STMicroelectronics RM0319 Datasheet HTML 270Page - STMicroelectronics RM0319 Datasheet HTML 271Page - STMicroelectronics RM0319 Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 368 page
background image
LCD display controller (CLCD)
RM0319
268/368
Doc ID 022640 Rev 3
24
LCD display controller (CLCD)
This chapter focuses on CLCD functionality and operation.
For technical details about the programmable registers related to the CLCD, refer to the
CLCD registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
24.1
Overview
SPEAr320S features a color liquid crystal display controller (CLCD) that provides all the
necessary control signals to interface directly to a variety of color and monochrome LCD
panels.
24.2
Main features
●
Compliance to the AMBA specification (Rev 2.0) onwards for easy integration into SoC
implementation
●
Dual 16-deep programmable 32-bit wide FIFOs for buffering incoming display data
●
Supports single and dual panel mono super twisted nematic (STN) displays with 4- or
8-bit interfaces
●
Supports single and dual panel color and monochrome STN displays
●
Supports thin film transistor (TFT) color displays
●
Resolution programmable up to 1024 x 768
●
15 gray-level mono, 3375 color STN, and 32K color TFT support
●
1, 2, or 4 bits-per-pixel (bpp) palettized displays for mono STN
●
1, 2, 4 or 8 bpp palettized color displays for color STN and TFT
●
16 bits-per-pixel (bpp) true-color non-palettized, for color STN and TFT
●
24 bpp true-color non-palettized, for color TFT
●
Programmable timing for different display panels
●
256-entry, 16-bit palette RAM, arranged as a 128 x 32-bit RAM physically frame, line
and pixel clock signals
●
AC bias signal for STN and data enable signal for TFT panels
●
Patented gray scale algorithm
●
Supports little endian, big endian and WindowsCE data formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com