Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 266 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 266 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics RM0319 Datasheet HTML 269Page - STMicroelectronics RM0319 Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 368 page
background image
Extended general purpose I/O (PL_GPIO)
RM0319
266/368
Doc ID 022640 Rev 3
The GPIO functionality is independent of any of the functional modes listed in Section 32.2:
I/O multiplexing scheme configuration (whether legacy or extended).
When a pin is enabled as GPIO (through GPIO_SELECTx register), it can be used it as
GPIO_out, GPIO_in or interrupt with programmable edge detection.
●
The status of each of the edge-programmable GPIO interrupts can be read from the
GPIO_IRQx registers. The combined status is indicated by NGPIO_INTR (bit 6 of the
IrqStatus_Reg.
●
For backward compatibility with legacy designs, the interrupt status of each of the
“rising-edge only” GPIO interrupts can be read from the GPIO_MASKED_INTx
registers. Their combined status is indicated by the GPIO_INTR (bit 0 of the
IrqStatus_Reg).
In both of the above cases, GPIO interrupts are available when the I/O is selected as GPIO,
independent of any functional mode. The GPIO_IRQ_MASKx registers mask GPIO
interrupts in all modes.
When using Extended mode, you can also configure some pins as GPIO input by
programming the RAS_iosel_reg registers. This is possible in those cases where the pin
multiplexing is not fully used for other signals.
23.2.1
PL_GPIO external interrupts
In GPIO input mode, interrupts can be enabled by clearing the corresponding mask bit in the
GPIO interrupt mask registers.
Interrupt polarity can be selected as rising edge or falling edge in the GPIO edge polarity
registers.
When a interrupt event occurs on one of the PL_GPIO pins an interrupt status flag is set in
the corresponding bit of the GPIO interrupt status registers.
All the GPIO interrupts are ORed into a single interrupt request (IRQ30) sent to the vectored
interrupt controller (VIC).
The interrupt flags can be cleared by writing 0 in the corresponding bit of the GPIO interrupt
status register
Example:
To enable GPIO_43 for edge interrupt detection, the following registers need to be
programmed:
1. Enable RAS_GPIOs (select RAS functionality)
RAS_Select_REG &= 0xFFFFFFFE;
2. Enable pin as GPIO
GPIO_SELECT1 |= 0x800;
3. Enable GPIO as input
GPIO_EN1 |= 0x800;
4. Edge programming for interrupts
GPIO_IRQ_EDGE1 |= 0x800;
-> rising edge detection
GPIO_IRQ_EDGE1 &= 0xFFFFF7FF;
-> falling edge detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com