Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 262 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 262 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 368 page
background image
Basic general purpose I/Os (basGPIO)
RM0319
262/368
Doc ID 022640 Rev 3
Figure 93.
GPIO signal interfaces
22.3.2
Interrupt detection logic
The interrupt detection logic of the GPIO block which allows to generate mask-
programmable interrupts based on either the signal level or the transitional value (edge) of
any of the basGPIO lines.
As depicted in Figure 92, this block interfaces with both the interrupt control registers hosted
by the APB slave and the input signals from pad (GPIN[5:0]). Depending on registers
configuration (see Section 22.4.2: Control interrupt generation for details) and actual input
signals features, a GPIO interrupt signal (GPIOINTR) is generated by the Interrupt
Detection Logic block as the OR combination of all the GPIO masked interrupt lines.
The resulting combined GPIOINTR signal can be then used to indicate to an external
interrupt controller that an interrupt occurred in one or more of the basGPIO lines. Additional
output signals (GPIOMIS[5:0]) are also generated by the interrupt detection logic block,
reflecting the status of each single masked interrupt lines. Provisional of individual outputs
as well as combined interrupt output allows to use either a global interrupt service routine
(trapping the GPIOINTR signal) or modular device drivers (looking at GPIOMIS[5:0]) to
handle GPIO interrupts.
Table 74.
GPIO signal interface
Group
Signal name
Direction
Size
(bit)
Description
External
(to chip pads)
nGPEN
Output
6
Output pad enable signal (active low)
GPOUT
Output
6
Output pad data signal driver
GPIN
Input
6
Input data from chip pad
Interrupt
(on-chip)
GPIOMIS
Output
6
Masked interrupt signals, to interrupt
controller
GPIOINTR
Output
1
Combined OR version of GPIOMIS, to
interrupt controller
GPIO
APB Slave
SPI CS Selector
External(To Chip PAD)
Interrupt (On chip)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com