Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 261 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 261 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 257Page - STMicroelectronics RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 368 page
background image
RM0319
Basic general purpose I/Os (basGPIO)
Doc ID 022640 Rev 3
261/368
22
Basic general purpose I/Os (basGPIO)
This chapter focuses on GPIO functionality and operation.
For technical details about the programmable registers related to the GPIO, refer to the
GPIO registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
22.1
Overview
The general purpose input/output block provides 6 programmable inputs or outputs. Each
input/output can be controlled through an APB interface.
22.2
Main features
●
Six individually programmable input/output pins (default to input at reset)
●
Two additional GPIOs dedicated for SPI chip select
●
An APB slave acting as control interface
●
Programmable interrupt generation capability on any number of pins.
●
Bit masking in both read and write operation through address lines.
22.3
Functional description
Figure 92 shows the block diagram of GPIO.
Figure 92.
GPIO block diagram
22.3.1
Pins
The GPIO directly interfaces with the signals summarized in Table 74: GPIO signal
interface. A functional diagram of these signal interfaces is given in Figure 93.
Interrupt Detection
logic
Input/
Output
Multiplexor
Input Data
Enable lines
Output Data
AMBA APB Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com