Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 265 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 265 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics RM0319 Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 368 page
background image
RM0319
Extended general purpose I/O (PL_GPIO)
Doc ID 022640 Rev 3
265/368
23
Extended general purpose I/O (PL_GPIO)
This chapter focuses on PL_GPIO functionality and operation.
For technical details about the programmable registers related to the PL_GPIO, refer to the
RAS registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
23.1
Overview
Extended general purpose I/Os are software programmable input/output pins through an
AHB slave interface. They configure all PL_GPIO and PL_CLK signals of SPEAr320S,
writing data to external interfaces or receiving data/interrupts from external interfaces.
Interrupt trigger polarity is programmable as rising or falling edge.
Figure 95.GPIO block diagram
23.2
Configuration
To use PL_GPIO pins for general purpose I/O, the pins must be configured as follows:
1.
Check that RAS function is selected for the corresponding set of PL_GPIO pins in the
RAS_Select_Register
2.
Configure the corresponding bit for the PL_GPIO pin in the GPIO select register x.
3.
Enable the PLGPIO pin in input or output mode by programming the corresponding bit
in the GPIO enable register.
In input mode:
The value of the pin can be read from the GPIO input register
In output mode:
Data can be output on the pin by writing to the GPIO output register.
GPIO Block
GPIO IN
GPIO OUT
GPIO EN
AHB
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com