Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 263 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 263 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 368 page
background image
RM0319
Basic general purpose I/Os (basGPIO)
Doc ID 022640 Rev 3
263/368
22.3.3
Mode control
Each GPIO line can be controlled by software.
The data direction is controlled by the data direction register (GPIODIR). Data writing and
reading operations are detailed in the next section.
22.4
Programming examples
22.4.1
How to read from and write to input/output lines
To allow independent software drivers to set their GPIO bits without affecting any other pins
in a single write operation, the APB address bus (PADDR) is used as a mask on read/write
operations.
The GPIO data register (GPIODATA) effectively covers 64 locations in the address space,
that is the same register appears at 64 different locations (with offset ranging from 0x00 to
0xFC with respect to base address). To access these locations, the 6 bit subset of the APB
address bus is used, according to the following rules:
●
During a write operation to GPIODATA register: a data bit of the GPIODATA register is
altered only if the associated address bit in PADDR[9:2] is set, otherwise it is left
unchanged.
●
During a read operation from GPIODATA register: a data bit of the GPIODATA register
is read only if the associated address bit in PADDR[9:2] is set, otherwise a zero is
returned regardless of its state.
22.4.2
Control interrupt generation
The GPIO interrupt generation capability is fully controlled by a set of seven registers
located in the APB slave interface.
These registers allow to select, for each single pin, the interrupt source (the edge or the
level of signal on that pin), the event (rising/falling edge or high/low signal level) which
triggers the interrupt and any interrupt masking.
Figure 94 shows how the three main interrupt control registers (namely GPIOIS, GPIOIBE
and GPIOIEV) should be set to select an interrupt source event for a single pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com