Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 259 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 255Page - STMicroelectronics RM0319 Datasheet HTML 256Page - STMicroelectronics RM0319 Datasheet HTML 257Page - STMicroelectronics RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 368 page
background image
RM0319
Analog-to-digital converter (ADC)
Doc ID 022640 Rev 3
259/368
21.3.1
Operation modes
Normal mode
As long as POWER DOWN bit in ADC_STATUS_REG register is set to logic ’0’, the ADC is
inactive (disabled) and the output latches contain the last conversion.
When the POWER DOWN bit is set by software, the ADC enters its functional mode after 50
µs, when a conversion can be then initiated by setting the ENABLE bit in
ADC_STATUS_REG register.
At first, the 10-bit conversion data field of the AVERAGE_REG register is reset to the value
10'b1000000000 and the acquisition from the selected analog input channel occurs. After
that, the conversion phase takes place. 13 clock cycles are required for one complete
conversion.
At the end of conversion, the CONVERSION READY bit in ADC_STATUS_REG is set, and
the conversion data reading can begin. When the reading finishes, two different scenarios
could occur:
●
POWER DOWN bit is set (1'b1): the ENABLE bit is kept to 1'b1 (conversion enabled),
and next conversion can takes place without waiting for the start up time (50 us).
●
POWER DOWN bit is cleared (1'b0): the ADC is switched-off and next conversion
requires again a start up time (after setting the ENABLE bit in the ADC_STATUS_REG
register).
21.3.2
Enhanced mode
In this mode (ENHANCED MODE bit = 1), it is possible to perform conversions on selected
channels in a continuous way. To start conversions it is necessary to configure the
SCAN_RATE register to set the number of APB Clock cycles between the start of two scan
conversions.
To read conversion results you need to read the CHx_DATA registers. CHx_DATA[17] is the
VALID_DATA bit. It is logic ‘1’ when the read data is valid. It is logic ‘0’ in the following cases:
●
ENHANCED MODE bit = 0
●
CHANNEL ENABLE of the related channel = 0
●
The controller is writing a result in it.
On channel 0 it is possible to select a request to DMA (DMA_EN bit = 1) when conversion is
finished. In this case at the end of conversion on this channel, the controller will perform a
single request to DMA. At the next conversion on channel 0, the controller will check for the
end of last DMA transfer continuing with a new conversion on this channel only if the first
one is finished. Otherwise, the scan will continue with the other enabled channels.
21.3.3
High-resolution mode
The resolution of the ADC analog cell is 10 bits, but resolution can be extended in high
resolution mode. High resolution mode is enabled by setting the HIGHRESOLUTION bit in
the ADC_CTRL_STATUS _REG register.
In high resolution mode, the ADC performs oversampling. The number of samples is
programmable via the NSAMPLES bits (bits 7:5) in the ADC_CTRL_STATUS _REG
register.
The sum of the converted results can be read from the AVERAGE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com