Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 255 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 255 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics RM0319 Datasheet HTML 255Page - STMicroelectronics RM0319 Datasheet HTML 256Page - STMicroelectronics RM0319 Datasheet HTML 257Page - STMicroelectronics RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 368 page
background image
RM0319
Legacy IEEE 1284 parallel port (SPP)
Doc ID 022640 Rev 3
255/368
20
Legacy IEEE 1284 parallel port (SPP)
This chapter focuses on SPP functionality and operation.
For technical details about the programmable registers related to the SPP, refer to the SPP
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
20.1
Overview
The standard parallel port (SPP) interface is an AMBA-APB slave interface to the SPP bus.
It is used to receive data over this bus from an external host and transfer it to a processor.
20.2
Main features
●
Slave mode device interface for Standard parallel port Host
●
IEEE 1284 Compatible device
●
Supports unidirectional 8 bit data transfer from host to slave
●
Supports 9th bit for parity/ data/ command etc.
●
Maskable Interrupts for data, device reset, Auto Linefeed
●
APB input clock frequency required is 83 MHz for acknowledgement timings
●
Conforms to AMBA-APB specifications
20.3
Functional description
The SPP interface enables data transfer from an external host over a parallel 8 bit bus to the
SoC. One of the potential applications is preprocessing of printer data by a processor in the
SoC before the data is sent to the print head.
Figure 89 shows a block diagram of the SPP interface.
Figure 89.
SPP interface block diagram
Each time a data is received from an external host, it is latched, the appropriate
acknowledgement sent to the host and an interrupt generated for the processor to transfer
SPP
INTERFACE
DATA[7:0]
STRBn
INITn
AUTOFDn
SELINn
ACKn
BUSY
PERROR
FAULTn
SELECT
APB Salve
Interaface
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com