Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 251 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics RM0319 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 368 page
background image
RM0319
Fast infrared port (IRDA)
Doc ID 022640 Rev 3
251/368
At last, for each FIR symbol two bits are transmitted: the symbol rate is then one half of the
bit rate, and the baud rate generation unit has to create a unique symbol rate of fen_symb = 2
MHz (being a bit rate of 4 Mbps). Since the pulse duration is a quarter of the symbol
duration for FIR transmission (like MIR), the baud rate generation unit has to create a pulse
rate of fen_pulse = 4* fen_symb.
Table 71 provides a list of the settings of K, L and (N+1) parameters in case of SIR, MIR and
FIR (and with firda_clk = 48 MHz).
19.3.6
FIFO unit
The FIFO unit allows to control the data transfer between peripheral and system memory,
and to buffer the reception and the transmission data.
In particular, data can be transmitted by writing to the transmission buffer register
(IrDA_TXB), which represent the head of the FIFO, and can be read out from the reception
buffer register (IrDA_RXB, which is the tail of the FIFO.
An 8-stage 32-bit shift register is used as buffer. This allows that data can be transferred at
full speed using DMA burst transfers.
Note:
Since IrDA supports only half-duplex communication, one buffer is used for both
transmission and reception.
The FIrDA controller generates the following request signals to control the data transfer to
and from memory.
:
Table 71.
Settings of K,L and (N+1) parameters for SIR,MIR and FIR in baud rate
generation unit
Bit rate [Kbps]
fen_pulse [kHz]
fen_symb [kHz]
K
L
N+1
SIR
9.6
576
9.6
3
250
60
19.2
576
19.2
3
250
30
38.4
576
38.4
3
250
15
57.6
576
57.6
3
250
10
115.2
576
115.2
3
250
5
MIR
576
2304
576
6
125
4
1152
4608
1152
12
125
4
FIR
4000
8000
2000
1
6
4
Table 72.
Request signals
Signal
Description
BREQ_INT
Burst request signal. Request a transfer of a programmed burst of words.
LBREQ_INT
Last burst request signal. Request a last burst transfer.
SREQ_INT
Single request signal. Request a transfer of a single word.
LSREQ_INT
Last single request signal. Request a last single transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com