Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 253 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics RM0319 Datasheet HTML 255Page - STMicroelectronics RM0319 Datasheet HTML 256Page - STMicroelectronics RM0319 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 368 page
background image
RM0319
Fast infrared port (IRDA)
Doc ID 022640 Rev 3
253/368
The occurrence of a frame invalid interrupt (FI_INT, Section 19.4) due to any reason during
the reception indicates that the received data has become invalid and then the buffer
content is cleared without sending further requests.
When the received frame has been completely read out of the buffer, the FIrDA controller
changes back to the listening stage.
19.4
Interrupts
Table 73 shows a summary of the interrupts of the FIrDA controller. A brief description of
each interrupt follows after the table.
Table 73.
FIrDA controller interrupt summary
Name
Description
FD_INT
Frame detected.
This type of interrupt indicates that a frame has been detected during the Reception
State (see Section 19.3.3).
FI_INT
Frame invalid.
When it occurs in reception state, it means that the currently received frame is
invalid. This can be due to a CRC error, the reception of an invalid flag (see
Section 19.3.3), a frame abort (see Section 19.3.1), the reception of an invalid
symbol (see Section 19.3.2), the reception of a too long frame or a FIFO overflow
(see Section 19.3.6), or an abort by software. In the interrupt service routine the
software should discard the bytes of the current frame, which have already been
transferred to the memory.
When it occurs in transmission state, it indicates that the current frame has not been
sent completely. This can be due to either a FIFO underflow (see Section 19.3.6), or
an abort by software.
Note: FD_INT must have a lower priority than FI_INT.
SD_INT
Signal detected.
This kind of interrupt indicates that a signal has been detected by the
Synchronization Unit during the Listening State (Section 19.3.1).
FT_INT
Frame transmitted.
This kind of interrupt occurs when a frame has been completely transmitted by the
Modulation Unit (see Section 19.3.4).
BREQ_INT
Burst request.
This interrupt occurs when a transfer of a programmed burst number of words
from/to the memory is requested. This request can either be used as interrupt or
DMA requests (see Section 19.3.6).
LBREQ_INT
Last burst request.
This interrupt indicates that a last burst transfer from/to the memory is requested.
This request can either be used as interrupt or DMA requests (see Section 19.3.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com