Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 249 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 249 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 368 page
background image
RM0319
Fast infrared port (IRDA)
Doc ID 022640 Rev 3
249/368
Figure 88.
Tx signal generation at 4 Mbps in FIR mode
The preamble field PA of the synchronized RX signal is used by the receiver to establish
phase lock by means of a DPLL (digital phase locked loop). Then the incoming signal is
sampled with the recovered enable signal en_pulse. To establish symbol synchronization
the receiver, during PA, begins to search for the start flag STA. When it is received correctly
the received starts to demodulate the RX frame and generates a frame detected interrupt
(FD_INT, Section 19.4) until the stop flag STOP, which indicates the end of the frame, is
recognized.
4PPM encoding is achieved by defining a data symbol duration (tFIRsymb) and subsequently
subdividing tFIRsymb into four equal time slices tFIRpw.
tFIRpw marks the time space when an infrared pulse can be sent. Within a data symbol only
one pulse is allowed, thus there exist four different data symbols, which represent the four
possible combinations of two bits. The used data symbols are listed in Table 70 with the
corresponding data bit pairs.
19.3.3
Wrapper unit
The wrapper unit is active in transmission and reception states only.
Reception state
The wrapper unit retrieves the IrLAP frame and the CRC bytes out of the RX frame from
demodulation unit. The decoding mode depends on the used infrared mode, which is
determined by the 2-bit field MODE of the parameter register IrDA_PARA.
After decoding, the IrLAP and CRC bytes are shifted into the FIFO unit. If an error is
detected either in the demodulation unit or in FIFO Unit, the decoding process is aborted.
Table 70.
4PPM encoding scheme
Data bit pair
MSB LSB
4PPM data symbol
sent first…last
00
1000
01
0100
10
0010
11
0001
IrLAP Frame + CRC32
Tx Frame
Preamble
Start flag
Stop flag
4PPM modulated Tx Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com